Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8964AFR1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # FXLS8964AFR1
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AFR1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button FXLS8964AFR1 Datasheet HTML 17Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 18Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 19Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 20Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 21Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 22Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 23Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 24Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
21 / 98
(CPHA = 0). Single byte read and single byte write operations are completed in 24 SCLK
cycles; multiple byte reads and writes are completed in additional multiples of 8 SCLK
cycles per read or written byte. The first SCLK cycle latches the R/W (Read/Write) bit
to select whether the desired operation is a read (R/W = 1) or a write (R/W = 0). The
following seven SCLK cycles are used to latch the register read or write address.
Note: 4-wire SPI interface mode is the default out of POR or after a soft reset. The 3-wire
interface mode may also be selected by setting
SENS_CONFIG1[SPI_M] = 1.
11.2 SPI write operations with 3- or 4-wire mode
A write operation is initiated by transmitting a 0 for the R/W bit. Then, the 7-bit register
write address, A[6:0], is transmitted in MSb first order. Following this first byte, a second
byte of 0s or 1s (don't care condition) is transferred, followed by the actual data to write
in the third group of 8 SCLK cycles (clock pulses 17 through 24) in MSb first order. The
following figure shows the bus protocol for a single byte register write operation in either
3- or 4-wire SPI mode.
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16
R/W A6 A5 A4 A3 A2 A1 A0
17
18 19
20
21 22
23 24
D7 D6 D5 D4 D3 D2 D1 D0
High-Impedance
X
X
X
X
X
X
X
X
X
SPI_CS_B
SCLK
SPI_MOSI
SPI_MISO
1
Figure 12.  SPI single byte write protocol diagram (3- or 4-wire mode), R/W = 0
Multiple-byte write operations are performed similarly to the single-byte write sequence,
but with additional data bytes transferred over additional 8 SCLK cycle periods. The
register write address is internally auto-incremented by FXLS8964AF so that every eighth
clock edge will latch the address for the next register write address. When the desired
number of bytes has been written, a rising edge on the SPI_CS_B pin terminates the
transaction. The following figure shows the bus protocol for multiple byte register write
operations in either 3- or 4-wire SPI mode.
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16
R/W A6 A5 A4 A3 A2 A1 A0
17
18 19
20
21 22
23 24
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
25
27
26
28 29 30 31 32
High-Impedance
X
X
X
X
X
X
X
X
X
SPI_CS_B
SCLK
SPI_MOSI
SPI_MISO
1
Figure 13. SPI multiple byte write protocol diagram (3- or 4-wire mode), R/W = 0
11.3 SPI read operations with 4-wire mode
A register read operation is initiated by transmitting a 1 for the R/W bit. Then, the 7-
bit register read address, A[6:0] is encoded in the first byte. Following this first byte, a
second byte of 0s or 1s (don't care condition) is transferred. After this transfer completes,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com