Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4656 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC4656
Description  Silicon NPN epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4656 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC4656 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4656 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC4656
Silicon NPN epitaxial planer type
For high-frequency amplification
Complementary to 2SA1791
s Features
q
Small collector output capacitance Cob.
q
SS-Mini type package, allowing downsizing of the equipment
and automatic insertion through the tape packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–75
3:Collector
SS–Mini Type Package
1.6
±0.15
0.8
±0.1
0.4
0.4
1
2
3
0.2
±0.1
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
50
50
5
50
125
125
–55 ~ +125
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE
*
VCE(sat)
fT
Cob
Conditions
VCB = 10V, IE = 0
VCE = 10V, IB = 0
IC = 10µA, IE = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 2mA
IC = 10mA, IB = 1mA
VCB = 10V, IE = –2mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
50
50
5
200
typ
0.06
250
1.5
max
0.1
100
500
0.3
Unit
µA
µA
V
V
V
V
MHz
pF
Marking symbol :
AM
*h
FE Rank classification
Rank
Q
R
hFE
200 ~ 400
250 ~ 500
Marking Symbol
AMQ
AMR


Similar Part No. - 2SC4656

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type
More results

Similar Description - 2SC4656

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
Silicon NPN epitaxial planer type
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
Silicon NPN epitaxial planer type
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
2SD2459 KEXIN-2SD2459 Datasheet
51Kb / 2P
Silicon NPN epitaxial planer type
2SD601A KEXIN-2SD601A Datasheet
38Kb / 1P
Silicon NPN Epitaxial Planer Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com