Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5N65K Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5N65K
Description  SL sem`s advanced planar stripe DMOS technology.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5N65K Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5N65K Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N65K Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical Characteristics T
C = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 22 mH, IAS = 4.5 A, VDD = 25V, RG = 25 Starting TJ = 25°C
3. ISD  4.5 A, di/dt  200A/s, VDD  BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width  300s, Duty cycle  2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 A
650
--
--
V
BVDSS
/
TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 A, Referenced to 25°C
--
0.6
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 650 V, VGS = 0 V
--
--
1
A
VDS = 520 V, TC = 125°C
--
--
10
A
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 A
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 2.0 A
--
2.5
3.0
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
560
--
pF
Coss
Output Capacitance
--
55
--
pF
Crss
Reverse Transfer Capacitance
--
7
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 325 V, ID = 4.5 A,
RG = 25 
(Note 4, 5)
--
10
--
ns
tr
Turn-On Rise Time
--
40
--
ns
td(off)
Turn-Off Delay Time
--
40
--
ns
tf
Turn-Off Fall Time
--
50
--
ns
Qg
Total Gate Charge
VDS = 520 V, ID = 4.5 A,
VGS = 10 V
(Note 4, 5)
--
16
-
nC
Qgs
Gate-Source Charge
--
2.5
--
nC
Qgd
Gate-Drain Charge
--
6.5
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
4.5
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
16
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 4.5 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 4.5 A,
dIF / dt = 100 A/s
(Note 4)
--
300
--
ns
Qrr
Reverse Recovery Charge
--
2.0
--
C
HM5N65K/HM5N65I
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com