Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4066 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # CD4066
Description  two-way analog switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

CD4066 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  CD4066 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4066 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4066 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4066 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4066 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4066 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4066 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4066 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4066 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3.4、交流电气特性(1), (2) (VSS = 0 V; Tamb = 25 C; 输入传输时间 20 ns)
参 数 名 称
符号
测 试 条 件
典型
最大
单位
备注
传输延时
Vis
Vos
VDD =5V
10
20
HIGH to LOW
tPHL
VDD =9V
5
10
ns
见注
3
VDD =5V
10
20
LOW to HIGH
tPLH
VDD =9V
5
10
ns
见注
3
输出禁止时间
En
Vos
VDD =5V
80
160
HIGH
tPHZ
VDD =9V
65
130
ns
见注
4
VDD =5V
80
160
LOW
tPLZ
VDD =9V
70
140
ns
见注
4
输出使能时间
En
Vos
VDD =5V
40
80
HIGH
TPZH
VDD =9V
20
40
ns
见注
4
VDD =5V
45
90
LOW
TPZL
VDD =9V
20
40
ns
见注
4
VDD =5V
0.25
失真
(正弦波)
VDD =9V
0.04
%
见注
5
VDD =5V
-
任意两个通
道间的串扰
VDD =9V
1
MHz
见注
6
VDD =5V
-
串扰(输入输
出有效)
VDD =9V
50
mV
见注
7
VDD =5V
-
关断态
VDD =9V
1
MHz
见注
8
VDD =5V
-
导通频响
VDD =9V
90
MHz
见注
9
VDD =5V
800fi
(foCL)×VDD2
动态功耗
P
VDD =9V
3500fi
(foCL)×VDD2
W
fi :输入频率
fo:输出频率
CL:负载电容
(foCL) :输出总和
VDD电源电压
注:
1. Vis是Y或Z端的输入电压。
2. Vos是Y或Z 端的输出电压。
3. RL = 10 k (对地);CL = 50 pF(对地); En = VDD; Vis = VDD (方波); 见图6 和 图10。
4. RL = 10 k ; CL = 50 pF
 
(对地)
; En = VDD (方波);
测试
tPHZ 和tPZH时,Vis = VDD and RL接地;
测试
tPLZ 和tPZL时,Vis = VSS and RL接 VDD ; 见图6 和图11.
5. RL = 10 k ;CL = 15 pF; En = VDD; Vis = 1/2 VDD(p-p) (正弦波, 直流偏置为1/2 VDD); fis = 1 kHz;
见图
7.
第
4 页
CD4066



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com