Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4053 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # CD4053
Description  3 out of 2 bidirectional analog switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

CD4053 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  CD4053 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4053 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4053 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4053 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4053 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4053 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VDD=7.5V
VEE=-7.5V 或
VDD=15V
VEE=0V
5
关态通道漏电流,任
一通道处于关 态
VDD=7.5V,VEE=-7.5V O/I=±
7.5V,I/O=0V
±0.01
±50
nA
关态通道漏电流,所
有通道处于关 态
INH=7.5V
±0.02
±200
nA
控制输入 A、B、C 和 INH
VDD=5V
1.5
VDD=10V
3.0
VIL
低电平输入
电压
VEE=VSS
RL=1KΩ
所有通道为关
态
VDD=15V
4.0
V
VDD=5V
3.5
VDD=10V
7
VIH
高电平输入
电压
VDD=15V
11
V
VIN=0V
-10-5
-0.1
IIN
输入电流
VDD=15V
VEE=0V
VIN=15V
10-5
0.1
uA
交流电参数:
符号
项目
条件
VDD
最小值 典型值 最大值
单位
5V
600
1200
10V
225
450
tPZH
tPZL
从禁止到信号输出的传
输延迟时间(开启通道)
VEE=VSS=0V
RL=1KΩ
CL=50pF
15V
160
320
ns
5V
210
420
10V
100
200
tPHZ
tPLZ
从禁止到信号输出的传
输延迟时间(关闭通道)
VEE=VSS=0V
RL=1KΩ
CL=50pF
15V
75
150
ns
控制输入
5
7.5
Cin
输入电容
信号输入
10
15
pF
Cout
输出电容(共输入/输
出)VEE=VSS=0V
10V
8
pF
CIOS
旁路电容
0.2
pF
CD4053
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com