Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD15PL Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMD15PL
Description  Halogen free available upon request by adding suffix
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMD15PL Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMD15PL Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMD15PL Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 Amp Schottky
Rectifier
50 to 80 Volts
Features
•
Schottky Barrier Rectifier
•
High Current Capability
•
Low Forward Voltage
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 28
°C/W Junction To Lead
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
35V
50V
42V
60V
56V
80V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL = 90
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SMD1
5PL-16PL
SMD1
8PL
VF
.
70V
.
85V
IFM = 1.0A;
TJ = 25
°C(Note:2)
Typical Junction
Capacitance
SMD12PL -16PL
SMD18PL
CJ
110pF
30pF
Measured at
1.0MHz, VR=4.0V
Note:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
20mA
TA = 25
°C
TA = 100
°C
SOD-123FL
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
2.Pulse test: Pulse width 300 sec, Duty cycle 2%
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
E
C
D
H
G
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.053
0.90
1.35
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25
•
Halogen free available upon request by adding suffix "-HF"
SMD15P
50V
L
k 5
SMD16P
6
60V
L
k
SMD18PL
80V
k
SMD15PL-SMD18PL
Rev :
www.leiditech.com
01.06.2017
1/2
8
k


Similar Part No. - SMD15PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMD15PL MCC-SMD15PL Datasheet
201Kb / 3P
1 Amp Schottky Rectifier 50 to 200 Volts
SMD15PL MCC-SMD15PL Datasheet
215Kb / 3P
1 Amp Schottky Rectifier 50 to 200 Volts Low Forward Voltage
SMD15PL MCC-SMD15PL Datasheet
229Kb / 3P
1 Amp Schottky Rectifier 50 to 80 Volts
logo
Nanjing International G...
SMD15PL DGNJDZ-SMD15PL Datasheet
94Kb / 2P
1 Amp Schottky Rectifier
SMD15PL DGNJDZ-SMD15PL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
More results

Similar Description - SMD15PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBZ5248B-TP MCC-MMBZ5248B-TP Datasheet
242Kb / 5P
Halogen free available upon request by adding suffix "-HF"||" "520148
Ceramic Trimmer Capacitors Crystal oscillators Han
S3MB-TP MCC-S3MB-TP Datasheet
715Kb / 3P
Halogen free available upon request by adding suffix "-HF"||" "520150
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffi
logo
List of Unclassifed Man...
B5817WS-TP ETC2-B5817WS-TP Datasheet
332Kb / 3P
Halogen free available upon request by adding suffix
1N5819-BP ETC1-1N5819-BP Datasheet
427Kb / 3P
Halogen free available upon request by adding suffix
SD107WS-TP ETC2-SD107WS-TP Datasheet
171Kb / 2P
Halogen free available upon request by adding suffix
logo
Micro Commercial Compon...
DFLZ18-TP MCC-DFLZ18-TP Datasheet
341Kb / 4P
Halogen free available upon request by adding suffix -HF
logo
List of Unclassifed Man...
RB551V-30-TP ETC2-RB551V-30-TP Datasheet
197Kb / 2P
Halogen free available upon request by adding suffix "-HF"||" "585661
Current-compensated Chokes
BAV21WS-TP ETC2-BAV21WS-TP Datasheet
273Kb / 4P
Halogen free available upon request by adding suffix "-HF"||" "586709
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Micro Commercial Compon...
SR5010-TP MCC-SR5010-TP Datasheet
236Kb / 3P
Halogen free available upon request by adding suffix
ESDLC3603P3 MCC-ESDLC3603P3 Datasheet
394Kb / 4P
Halogen free available upon request by adding suffix
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com