Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1044A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LS1044A
Description  QorIQ LS1 Processor Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1044A Datasheet(HTML) 2 Page - NXP Semiconductors

  LS1044A Datasheet HTML 1Page - NXP Semiconductors LS1044A Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.nxp.com/QorIQ
© 2020 NXP B.V.
NXP, the NXP logo, Layerscape, QorIQ and VortiQa are trademarks of NXP B.V. All other product or service names are
the property of their respective owners. ARM, Cortex and TrustZone are registered trademarks of ARM Limited (or its
subsidiaries) in the EU and/or elsewhere. CoreLink is a trademark of ARM Limited (or its subsidiaries) in the EU and/or
elsewhere. All rights reserved.
Document Number:
LS1088AFS REV 2 cc
WRIOP
Secure Boot
TrustZone®
Power Management
IFC, QuadSPI, SPI
SD/SDIO/eMMC
DMA
2 x DUART
4 x I2C, GPIO
4 x FlexTimer
2 x USB3.0 w/PHY
64-Bit
DDR4
Memory Controller
Networking Elements
Basic Peripherals, Interconnect and Debug
Accelerators and Memory Control
Core Complex
Real-Time Debug
Watchpoint
Cross
Trigger
Perf.
Monitor
Trace
4-Lane 10 GHz SerDes
DPAA2 Hardware
4-Lane 10 GHz SerDes
Management Complex
WRIOP
Buffering
Security
Engine
(SEC)
Queue /
Buffer
Manager
Buffer
Advanced
I/O
Processor
(AIOP)
SMMUs
CoreLink CCI-400™ Coherency Fabric
1G 1G 1G 1G
1G 1G 1G 1G
1/10G1/10G
ARM® Cortex®
A53 64-Bit Core
ARM Cortex
A53 64-Bit Core
1 MB L2 Cache1 MB L2 Cache
32 KB
D-Cache
32 KB
D-Cache
32 KB
D-Cache
32 KB
D-Cache
QorlQ LS1088A PROCESSOR BLOCK DIAGRAM
QorIQ LS1088A FAMILY
COMPARISON CHART
Cortex A53 cores
up to 1.6 GHz
8
8
4
4
L2 cache (MB)
2
2
1
1
Advanced I/O
processor
YES
NO
YES
NO
vSwitch acceleration
YES
YES
YES
YES
QorIQ LS10X8A FAMILY FEATURES
Up to 8 cores built on
ARM Architecture
• 8 x Cortex-A53 CPUs, 64-bit, 1.6 GHz, clusters of four cores sharing
1 MB L2 cache
Hierarchical interconnect fabric
• Coherency fabric supporting coherent and non-coherent transactions with
prioritization and bandwidth allocation
DDR controllers
• One 64-bit DDR4 SDRAM memory controllers with ECC and interleaving
support, up to 2.1 GT/s
Accelerated packet processing
• Advanced I/O processor, up to 10 Gbit/s complex packet processing
• 10 Gbit/s SEC crypto acceleration
Express packet I/O
• Supports x 4, x 2, 3 x 1 PCIe® Gen 3 controllers
• SR-IOV support, root complex
• 1 x SATA 3.0, 2 x USB 3.0 with PHY
• Two TDM/HDLC interfaces
Network I/O
• Wire rate I/O processor, with HW parsing, classification, and policing, featuring:
Two 1/10 GbE + eight 1 G
vSwitch offload
XFI/KR, QSGMII, SGMII/KX, RGMII
MACSec on up to four 1 GbE
Virtualization
• Support for HW virtualization and partitioning enforcement
supporter of open source and industry
software consortia, including Linaro and
the Linux Foundation.
UNPARALLELED INTEGRATION
QorIQ LS10x8A processors integrate
up to two 10 Gbit/s and eight 1 Gbit/s
Ethernet interfaces with hardware
supported vSwitch capability for PCIe®
controllers (supporting SR-IOV) and
next-generation SATAIII and USB3
controllers. The next-generation datapath
is complemented with high-performance
acceleration, including security and trust,
pattern matching and data compression.
NETWORKING PERFORMANCE
The QorIQ LS10x8A processors contain
an advanced I/O processor (AIOP) that
offloads the general-purpose ARM
Cortex-A53 cores with in-line or fully
autonomous networking functions,
involving complex look-ups, header
manipulations, and even encapsulations
and encryption.
The next-generation datapath also
provides proven acceleration such as
crypto acceleration and trust architecture,
to meet the ever-increasing demands for
network security and power efficiency.
COMPLETE ENABLEMENT,
RICH ECOSYSTEM
The QorIQ LS1 family includes a
comprehensive ecosystem to assure
that ease-of-use is first priority. The
complete offering includes:
}
APIs that are compliant with industry
standard consortiums, including Linaro
OpenDataPath (ODP).
}
Management software that takes care
of setup, initialization and teardown
of interfaces, accelerators and
networking functions
}
Functional datapath libraries that are
performance optimized
}
NXP VortiQa software applications
that are bundled for quick networking
application deployment
}
Tools (e.g., accelerators, debug)
to make sure you spend your time
creating value-added software
}
Powerful combination of NXP and ARM
ecosystems for support
}
Open-source software, available
upstream for all customers to leverage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com