Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDA12P2 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMDA12P2
Description  HIGH SURGE TVS DIODE FOR LATCH-UP PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMDA12P2 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMDA12P2 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMDA12P2 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMDA12P2 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMDA12P2 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMDA12P2 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Transmission Line Pulse (TLP)
Transmission Line Pulse (TLP)
SMDA12P2
Transmission Line Pulse (TLP) is a measurement technique used in the Electrostatic Discharge (ESD) arena
to characterize performance attributes of devices under ESD stresses. TLP is able to obtain current versus
voltage (I−V) curves in which each data point is obtained with a 100 ns long pulse, with currents up to 40 A.
TLP was first used in the ESD field to study human body model (HBM) in integrated circuits, but it is an
equally valid tool in the field of system level ESD. The applicability of TLP to system level ESD is illustrated
in Figure 1, which compares an 8 kV IEC 61000−4−2 current waveform with TLP current pulses of 8 and 16 A.
The current levels and time duration for the pulses are similar and the initial rise time for the TLP pulse is
comparable to the rise time of the IEC 61000−4−2’s initial current spike. This application note will give a
basic introduction to TLP measurements and explain the datasheet parameters extracted from TLP for
SDI Technology’s protection products.
Comparison of a Current
Waveform of IEC 61000−4−2
with TLP Pulses at 8 and 16 A.
The IEC 61000−4−2 ESD
waveforms is true to the
Standard and is shown here
as captured on an oscilloscope.
The points A, B, and C show
the points on the waveforms
specified in IEC 61000−4−2.
Figure 6. TLP Characteristic
Rev :
www.leiditech.com
01.06.2017
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com