Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT20N03L-TN3-R Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # UT20N03L-TN3-R
Description  N-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT20N03L-TN3-R Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  UT20N03L-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT20N03L-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT20N03L-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT20N03L-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT20N03L-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT20N03L-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT20N03L-TN3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT20N03L-TN3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
RDS(on) vs. VGS vs. Temperature
0.
2
0.
4
0.6
0.8
1.
0
1.
2
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
VGS = 10 V, ID= 38.8 A
VGS = 4.5 V, ID = 27 A
0.000
0.001
0.002
0.003
0.004
0.005
0246
8
10
VGS - Gate-to-Source Voltage (V)
ID = 38.8 A
TA = 125 °C
TA = 25 °C
Forward Diode Voltage vs. Temperature
Threshold Voltage
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD - Source-to-Drain Voltage (V)
TJ = 25 °C
TJ = 150 °C
0.8
1.2
1.6
2.0
2.4
2.8
- 50 - 25
0
25
50
75
100
125 150
175
TJ - Temperature (°C)
ID = 250 µA
Safe Operating Area, Junction-to-Ambient
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
TA = 25 °C
Single Pulse
dc
10 s
1 s
100 ms
10 ms
*Limited by rDS (on)
VDS - Drain-to-Source Voltage (V)
*VGS
minimum VGS at which rDS(on) is specified
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
UT20N03L-TN3-R
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com