Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML4728 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SML4728
Description  Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SML4728 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SML4728 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SML4728 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SML4728 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SML4728 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Package Dimensions in mm (Inches)
(0.080 MAX.)
2.03 MAX.
(0.216)
5.50 REF
(0.066 MIN.)
1.68 MIN.
(0.060 MIN.)
1.52 MIN.
14275
5.28 (0.208)
4.93 (0.194)
Mounting Pad Layout
technical drawings
according to DIN
specifications
Plastic case
JEDEC DO-214
similar to SMA
Cathode indicated
by a band
1.52 (0.060)
0.76 (0.030)
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev : 01.06.2014
4/4
www.leiditech.com
SML4728 to SML4764A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com