Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2MST Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2MST
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2MST Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2MST Datasheet HTML 1Page - M-System Co.,Ltd. M2MST Datasheet HTML 2Page - M-System Co.,Ltd. M2MST Datasheet HTML 3Page - M-System Co.,Ltd. M2MST Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: M2MST
M2MST SPECIFICATIONS
ES-5080 Rev.6 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
(C) Display Selector
The front cover cannot be turned open by 180 deg.
when there is no extra space between units.
(A) Polarity Indicator LED
(B) Setpoint Display
(E) Zero Adj.
(F) Span Adj.
(D) UP/DOWN Control
Top: ON
Bottom: OFF
• How to Set an Output
Turn the Display Selector (C) to the top position.
The Setpoint Display (B) shows the current setpoint (-10.0 –
+105 %). Press UP/DOWN Control (D) until the display
shows a desired set value.
The Polarity Indicator LED (A) is red when the set value is in
positive range, green when in negative range.
The output is factory set to 0 %.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm
5
9
21.5 (.85)
86.7 (3.41)
7.3 (.29)
15 (.59)
6 (.23)
DIN RAIL
35mm wide
[4 (.16)]
8–M3
SCREW
23 (.91)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
116.7 (4.59)
• When mounting, no extra space is needed between units.
1
4
8
12
14 13
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Base Socket
S
Z
1
Output
Driver
OUTPUT
4
5
8
9
12
U(+)
V(–)
POWER
13
14
Digital
Computation
UP/DOWN
SW
DISPLAY
SELECTOR
Setpoint
Display
Isolation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com