Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3411G Datasheet(PDF) 21 Page - Micronas

Part # MSP3411G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3411G Datasheet(HTML) 21 Page - Micronas

Back Button MSP3411G Datasheet HTML 17Page - Micronas MSP3411G Datasheet HTML 18Page - Micronas MSP3411G Datasheet HTML 19Page - Micronas MSP3411G Datasheet HTML 20Page - Micronas MSP3411G Datasheet HTML 21Page - Micronas MSP3411G Datasheet HTML 22Page - Micronas MSP3411G Datasheet HTML 23Page - Micronas MSP3411G Datasheet HTML 24Page - Micronas MSP3411G Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
MICRONAS INTERMETALL
21
3.2. Start-Up Sequence:
Power-Up and I2C Controlling
After POWER ON or RESET (see Fig. 4–24), the IC is
in an inactive state. All registers are in the reset posi-
tion (see tables 3–5 and 3–6), the analog outputs are
muted. The controller has to initialize all registers for
which a non-default setting is necessary.
3.3. MSP 34x1G Programming Interface
3.3.1. User Registers Overview
The MSP 34x1G is controlled by means of user regis-
ters. The complete list of all user registers is given in
the following tables. The registers are partitioned into
the Demodulator section (Subaddress 10hex for writ-
ing, 11hex for reading) and the Baseband Processing
sections (Subaddress 12hex for writing, 13hex for read-
ing).
Write and read registers are 16-bit wide, whereby the
MSB is denoted bit [15]. Transmissions via I2C bus
have to take place in 16-bit words (two byte transfers, with
the most significant byte transferred first). All write regis-
ters, except the demodulator write registers, are readable.
Unused parts of the 16-bit write registers must be zero.
Addresses not given in this table must not be written.
For
reasons
of
software
compatibility
to
the
MSP 34x0D, an Manual/Compatibility Mode is avail-
able. More read and write registers together with a
detailed description of this mode can be found in the
“Appendix B: Manual/Compatibility Mode” on page 83.
An overview of all MSP 34x1G Write Registers is
shown in Table 3–5; all Read Registers are given in
Table 3–6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com