Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2MNV-11-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M2MNV-11-R
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2MNV-11-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M2MNV-11-R Datasheet HTML 1Page - M-System Co.,Ltd. M2MNV-11-R Datasheet HTML 2Page - M-System Co.,Ltd. M2MNV-11-R Datasheet HTML 3Page - M-System Co.,Ltd. M2MNV-11-R Datasheet HTML 4Page - M-System Co.,Ltd. M2MNV-11-R Datasheet HTML 5Page - M-System Co.,Ltd. M2MNV-11-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: M2MNV
M2MNV SPECIFICATIONS
ES-5095 Rev.9 Page 5/6
http://www.m-system.co.jp/
SWITCHING OPERATIONS
1
2
4
5
7
8
1
2
4
5
7
8
Current Signal (no receiving resistor)
Power : OFF
Switching command : OFF (open)
1
2
4
5
7
8
1
2
4
5
7
8
Power : ON
Switching command : OFF (open)
1
2
4
5
7
8
1
2
4
5
7
8
Power : ON
Switching command : ON (short)
Current Signal (receiving resistor 50 Ω)
Voltage Signal
Current Signal (no receiving resistor)
Transition (ON to OFF, OFF to ON) Status
Power : ON
Switching command : OFF to ON
or
Power : ON
Switching command : ON to OFF
Current Signal (receiving resistor 50 Ω)
Voltage Signal
*1. Resistor is provided only for the input code 2: Current signal (receiving resistor 50 Ω).
*1. Resistor is provided only for the input code 2: Current signal (receiving resistor 50 Ω).
*1
*1
*1
*1
1
2
4
5
7
8
1
2
4
5
7
8
*1
*1
*1
*1
• Switching Status
When the switching command contact is switched from
OFF to ON or from ON to OFF, the signal channel is
switched only after all photo MOSFET relays turn on
(closed).
When the switching command contact is switched from
OFF to ON or from ON to OFF, the signal channel is
switched only after all photo MOSFET relays turn off
(open).
■ INTERLOCKING SWITCHING CONTROL (single-pole contact)
Single contact is used to switch from Signal Channel 1 (A1 – B1) to Signal Channel 2 (A2 – B1) and vice versa.
CHANNEL 1 (A1)
CHANNEL 2 (A2)
Terminal 3 – 9 OFF (open)
OFF
ON
Terminal 3 – 9 ON (closed)
ON
OFF
Status LED turn on when the respective channels are alive.
■ INDEPENDENT SWITCHING CONTROL (double-pole contact)
Double contacts are used to independently switch Signal Channel 1 (A1 – B1) and Signal Channel 2 (A2 – B1).
CHANNEL 1 (A1)
CHANNEL 2 (A2)
Terminal 3 – 9 OFF (open)
OFF
----
Terminal 3 – 9 ON (closed)
ON
----
Terminal 6 – 9 OFF (open)
----
OFF
Terminal 6 – 9 ON (closed)
----
ON
Status LED turn on when the respective channels are alive.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com