Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3431G Datasheet(PDF) 97 Page - Micronas

Part # MSP3431G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3431G Datasheet(HTML) 97 Page - Micronas

Back Button MSP3431G Datasheet HTML 93Page - Micronas MSP3431G Datasheet HTML 94Page - Micronas MSP3431G Datasheet HTML 95Page - Micronas MSP3431G Datasheet HTML 96Page - Micronas MSP3431G Datasheet HTML 97Page - Micronas MSP3431G Datasheet HTML 98Page - Micronas MSP3431G Datasheet HTML 99Page - Micronas MSP3431G Datasheet HTML 100Page - Micronas MSP3431G Datasheet HTML 101Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
MICRONAS INTERMETALL
97
Table 6–16: Manual Sound Select Mode for Terrestric Sound Standards
Source Channels of Sound Select Block
Broadcasted
Sound
Standard
Selected MSP
Standard
Code
Broadcasted
Sound Mode
FM Matrix
FM/AM
(use 0 for channel select)
Stereo or A/B
(use 1 for channel select)
B/G-FM
D/K-FM
M-Korea
M-Japan
03
04, 05
02
30
MONO
Sound A Mono
Mono
Mono
STEREO
German Stereo
Korean Stereo
Stereo
Stereo
BILINGUAL,
Languages A and B
No Matrix
Left = A
Right = B
Left = A
Right = B
B/G-NICAM
L-NICAM
I-NICAM
D/K-NICAM
D/K-NICAM
(with high
deviation FM)
08
09
0A
0B
0C
NICAM not available
or NICAM error rate
too high
Sound A Mono
analog Mono
no sound
with AUTO_FM:
analog Mono
MONO
Sound A Mono
analog Mono
NICAM Mono
STEREO
Sound A Mono
analog Mono
NICAM Stereo
BILINGUAL,
Languages A and B
Sound A Mono
analog Mono
Left = NICAM A
Right = NICAM B
BTSC
20
MONO
Sound A Mono
Mono
Mono
STEREO
Korean Stereo
Stereo
Stereo
MONO
+ SAP
Sound A Mono
Mono
Mono
STEREO
+ SAP
Korean Stereo
Stereo
Stereo
21
MONO
Sound A Mono
Mono
Mono
STEREO
MONO
+ SAP
No Matrix
Left = Mono
Right = SAP
Left = Mono
Right = SAP
STEREO
+ SAP
FM-Radio
40
MONO
Sound A Mono
Mono
Mono
STEREO
Korean Stereo
Stereo
Stereo
Table 6–17: Manual Sound Select Modes for SAT-Modes (FM Matrix is set automatically)
Source Channels of Sound Select Block for SAT-Modes
Broadcasted
Sound
Standard
Selected
MSP Standard
Code
Broadcasted
Sound Mode
FM/AM
(source select: 0)
Stereo or A/B
(source select: 1)
Stereo or A
(source select: 3)
Stereo or B
(source select: 4)
FM SAT
6, 50hex
MONO
Mono
Mono
Mono
Mono
51hex
STEREO
Stereo
Stereo
Stereo
Stereo
BILINGUAL
Left = A (FM1)
Right = B (FM2)
Left = A (FM1)
Right = B (FM2)
A (FM1)
B (FM2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com