Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2PP-23R-R2 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M2PP-23R-R2
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2PP-23R-R2 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M2PP-23R-R2 Datasheet HTML 1Page - M-System Co.,Ltd. M2PP-23R-R2 Datasheet HTML 2Page - M-System Co.,Ltd. M2PP-23R-R2 Datasheet HTML 3Page - M-System Co.,Ltd. M2PP-23R-R2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: M2PP
M2PP SPECIFICATIONS
ES-5061 Rev.22 Page 4/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
4kΩ
■ Mechanical Contact, Open Collector
or Clamp-on Pulse Sensor CLSP
Input Connection Examples
+12V
■ Voltage Pulse
+12V
■ Open Collector
Output Connection Examples
+
–
9
12
+
–
■ Voltage Pulse
+
–
9
12
+
–
+
+
–
–
PWR
+
+
–
–
PWR
+
–
1
4
+ 5
+
–
1
4
+ 5
+
–
Isolation
Base Socket
Waveform
Shaper
Output
Driver
OUTPUT
8
9
12
U(+)
V(–)
POWER
13
14
12V Supply
+
–
INPUT
1
5
4
+
SENSOR EXCITATION
Timer
*
* Low freq. open collector and dry contact AC/DC switch output only.
U
■ Dry Contact AC/DC Switch
• AC Powered
LOAD
Relay or
Counter Coil
Varistor or Spark
Quenching Circuit
• DC Powered
LOAD
Relay or
Counter Coil
Spark Quenching Diode
9
12
9
12
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com