Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5N90 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5N90
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5N90 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5N90 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N90 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N90 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N90 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N90 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N90 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N90 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N90 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5N90 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Tc , Case Temperature , C
50
0
0
25
100
75
125
150
40
80
120
Characteristics Curve:
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Rectangular Pulse Duration,Seconds
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
Vds , Drain-to-Source Voltage , Volts
Vds , Drain-to-Source Voltage , Volts
10
0.01
1
0.1
1
10
100
100
10000
1000
Figure 2 Maximun Power Dissipation vs Case Temperature
Figure 5 Maximum Effective Thermal Impendance , Junction to Case
Figure 4 Typical Output Characteristics
Figure 3 Maximum Continuous Drain Current vs Case Temperature
Figure 1 Maximun Forward Bias Safe Operating Area
DC
100μs
1ms
10ms
VGS=10V
VGS=6V
VGS=7V
VGS=8V
VGS=9V
PDM
t2
t1
NOTES:
DUTY FACTOR :D=t1/ t2
PEAK Tj=PDM*ZthJC*RthJC+TC
50%
20%
10%
5%
Single pulse
2%
1%
Tc , Case Temperature ,C
25
0
50
75
100
125
150
0
1.2
2.4
3.6
4.8
6
OPERATION IN THIS AREA
MAY BE LIMITED BY RDS(ON)
TJ=MAX RATED
TC=25℃ Single Pulse
HM5N90
Silicon N-Channel Power MOSFET
P ag e 4 of 10
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com