Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2MS-1-R2/CE Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M2MS-1-R2/CE
Description  Super-mini Signal Conditioners Mini-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2MS-1-R2/CE Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M2MS-1-R2/CE Datasheet HTML 1Page - M-System Co.,Ltd. M2MS-1-R2/CE Datasheet HTML 2Page - M-System Co.,Ltd. M2MS-1-R2/CE Datasheet HTML 3Page - M-System Co.,Ltd. M2MS-1-R2/CE Datasheet HTML 4Page - M-System Co.,Ltd. M2MS-1-R2/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: M2MS
M2MS SPECIFICATIONS
ES-5015 Rev.22 Page 5/5
http://www.m-system.co.jp/
CUSTOM SPECIFICATION : OPTION /X1
Major specification changes
Burnout: Upscale (Total resistance 1 - 5 kΩ)
MODEL: M2MS–[1]–[2][3]/N/X1[3]
Same as standard specification (without customization)
except followings.
Refer to standard specification pages.
ORDERING INFORMATION
• Code number: M2MS-[1]-[2][3]/N/X1[3]
For [1] and [3] same code as standard specification is
available.
(e.g. M2MS-A-P/K/N/X1/Q)
Refer to standard specification pages.
• Specify total resistance (e.g. 1 kΩ).
SPECIFICATION CHANGES
■ Input specifications
Available input range
• Total resistance: 1 - 5 kΩ
■ PERFORMANCE
Accuracy: Refer to the table shown below.
Temp. coefficient: Refer to the table shown below.
Burnout time: ≤ 60 sec.
■ ACCURACY, TEMP. COEFFICIENT
TOTAL RESISTANCE
ACCURACY
TEMP. COEFFICIENT
1kΩ
±0.2%
±0.03% ∕ °C
1kΩ < R ≤ 2kΩ
±0.25%
±0.03% ∕ °C
2kΩ < R ≤ 5kΩ
±0.3%
±0.04% ∕ °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com