Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS412 Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SWS412
Description  Ceramic SMT 2 Pad Watch Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SWS412 Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SWS412 Datasheet HTML 1Page - Suntsu Electronics, Inc. SWS412 Datasheet HTML 2Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SWS412 Series
Ceramic SMT 2 Pad Watch Crystal
4.1mm x 1.5mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
SWS 41 2 12 D 48 - 32.768K
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
SUNTSU WATCH SMT
CRYSTAL
4.1mm x 1.5mm
2 PAD
OPERATING TEMPERATURE RANGE
• ±20ppm (Tolerance) Available
• Ultra-Miniature Package
• Tape and Reel
• Real Time Clock
• Measurement instruments
• Wireless Applications
Features
Applications
Part Numbering Guide
COMPLIANT
FREQUENCY TOLERANCE
FREQUENCY
D : ±20ppm
16 : -10°C - +60°C
48 : -40°C - +85°C
kHz
Frequency Range
Frequency Coefficient (ß)
Turnover Temperature
Frequency Stability vs. Aging
Storage Temperature
Load Capacitance
Shunt Capacitance
First year @ +25ºC.
32.768
-0.034
+25
1.33
kHz
ppm/T2
°C
ppm
°C
pF
pF
-0.028
+30
+125
12.5
-0.040
+20
-3
-55
Drive Level
Insulation Resistance
Equivalent Series Resistance
@ 100VDC ± 15V.
µW
MΩ
kΩ
1
70
500
+3
Operating Temperature
See part numbering guide for options.
°C
+85
-40
Frequency Tolerance at +25ºC
ppm
-20
+20
All dimensions are in millimeters (mm) unless otherwise noted. Drawings are not to scale.
Outline Drawing & Recommended Land Pattern
LOAD CAPACITANCE
12 : 12.5pF
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum


Similar Part No. - SWS412

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SWS-03 SOVICO-SWS-03 Datasheet
952Kb / 1P
WALL SPEAKER
2021.04
SWS-0310 SOVICO-SWS-0310 Datasheet
952Kb / 1P
WALL SPEAKER
2021.04
logo
Eravant
SWS-06-T1 ERAVANT-SWS-06-T1 Datasheet
262Kb / 2P
WR-06 Waveguide Short, Tunable
Rev 1.2
SWS-08-T1 ERAVANT-SWS-08-T1 Datasheet
264Kb / 2P
WR-08 Waveguide Short, Tunable
logo
SOVICO corp.
SWS-10 SOVICO-SWS-10 Datasheet
952Kb / 1P
WALL SPEAKER
2021.04
More results

Similar Description - SWS412

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SWS112 SUNTSU-SWS112 Datasheet
405Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS144 SUNTSU-SWS144 Datasheet
298Kb / 2P
Plastic SMT 4 Pad Watch Crystal
SWS212 SUNTSU-SWS212 Datasheet
402Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS312 SUNTSU-SWS312 Datasheet
441Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS512 SUNTSU-SWS512 Datasheet
315Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS614 SUNTSU-SWS614 Datasheet
344Kb / 2P
Plastic SMT 4 Pad Watch Crystal
SWS832 SUNTSU-SWS832 Datasheet
204Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS834 SUNTSU-SWS834 Datasheet
347Kb / 2P
Plastic SMT 4 Pad Watch Crystal
SXT532 SUNTSU-SXT532 Datasheet
394Kb / 2P
Ceramic SMT 2 Pad Crystal
SXT632 SUNTSU-SXT632 Datasheet
387Kb / 2P
Ceramic SMT 2 Pad Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com