Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT4425G-S08-R Datasheet(PDF) 6 Page - VBsemi Electronics Co.,Ltd

Part # UTT4425G-S08-R
Description  P-Channel 30-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UTT4425G-S08-R Datasheet(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  UTT4425G-S08-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UTT4425G-S08-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UTT4425G-S08-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UTT4425G-S08-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UTT4425G-S08-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UTT4425G-S08-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UTT4425G-S08-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UTT4425G-S08-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UTT4425G-S08-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
0.05
Square WavePulse Duration (s)
1
0.1
0.01
Single Pulse
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 85 °C/W
3. TJM -- TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
0.02
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10-4
0.2
0.1
Duty Cycle = 0.5
Square WavePulse Duration (s)
1
0.1
0.01
Single Pulse
0.02
0.05
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
UTT4425G-S08-R
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com