Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4787 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC4787
Description  Silicon NPN epitaxial planer type(For intermediate frequency amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4787 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC4787 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4787 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC4787
Silicon NPN epitaxial planer type
For intermediate frequency amplification
s Features
q
High transition frequency fT.
q
Satisfactory linearity of forward current transfer ratio hFE.
q
Allowing supply with the radial taping.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
MT1 Type Package
6.9
±0.1
1.05
±0.05
2.5
±0.1
(1.45)
0.8
0.7
4.0
0.65 max.
0.45
+0.1
–0.05
2.5
±0.5 2.5±0.5
123
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
45
35
4
50
600
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Common emitter reverse transfer capacitance
Power gain
Transition frequency
Symbol
ICBO
VCBO
VCEO
VEBO
hFE
VCE(sat)
Cre
PG
fT
Conditions
VCB = 20V, IE = 0
IC = 100µA, IE = 0
IC = 1mA, IB = 0
IE = 100µA, IC = 0
VCE = 10V, IC = 10mA
IC = 20mA, IB = 2mA
VCB = 10V, IE = –1mA, f = 10.7MHz
VCB = 10V, IE = –10mA, f = 58MHz
VCB = 10V, IE = –10mA, f = 100MHz
min
45
35
4
20
18
300
typ
50
500
max
0.1
100
0.5
1.5
Unit
µA
V
V
V
V
pF
dB
MHz
1.2
±0.1
0.65
max.
0.45 0.1
0.05
+
–
Note: In addition to the
lead type shown in
the upper figure, the
type as shown in
the lower figure is
also available.
(HW type)


Similar Part No. - 2SC4787

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4781 TOSHIBA-2SC4781 Datasheet
92Kb / 1P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
20-Dec-1997
2SC4781 TOSHIBA-2SC4781 Datasheet
94Kb / 3P
Medium Power Amplifier Applications
2SC4781 TOSHIBA-2SC4781_04 Datasheet
94Kb / 3P
Medium Power Amplifier Applications
logo
Panasonic Semiconductor
2SC4782 PANASONIC-2SC4782 Datasheet
42Kb / 2P
Silicon NPN epitaxial planer type(For high speed switching)
logo
Guangdong Kexin Industr...
2SC4782 KEXIN-2SC4782 Datasheet
45Kb / 2P
Silicon NPN Epitaxial Planar Type
More results

Similar Description - 2SC4787

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2188 PANASONIC-2SC2188 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For intermediate frequency amplification of TV image)
2SC2295 PANASONIC-2SC2295 Datasheet
51Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2404 PANASONIC-2SC2404 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC3311A PANASONIC-2SC3311A Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1149 PANASONIC-2SD1149 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1199 PANASONIC-2SD1199 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1458 PANASONIC-2SD1458 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com