Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC321SOT Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC321SOT
Description  1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC321SOT Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC321SOT Datasheet HTML 1Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 2Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 3Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 4Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 5Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 6Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 7Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELECTRICAL CHARACTERISTICS: VS = +5V
(At RL = 100KΩ connected to Vs/2, and VOUT = Vs/2, unless otherwise noted.)
PARAMETER
CONDITIONS
FC321SOT
TYP
MIN/MAX OVER TEMPERATURE
+25
℃
+25
℃ 0℃ to
75
℃
UNITS MIN/ MAX
INPUT CHARACTERISTICS
Input Offset Voltage (VOS)
Input Bias Current (IB)
Input Offset Current (IOS)
Common-Mode Voltage Range (VCM)
Common-Mode Rejection Ratio (CMRR)
Open-Loop Voltage Gain ( AOL)
VS=5.5V
VS=5.5V, VCM=-0.1V to 4V
VS= 5.5V, VCM=-0.1V to 5.6V
RL= 5KΩ ,Vo=0.1V to 4.9V
RL=100KΩ,Vo=0.035V to 4.965V
±0.8
10
10
-0.1to+5.6
70
68
80
84
±5
62
56
70
80
±6
62
55
70
80
mV
pA
pA
V
dB
dB
dB
dB
MAX
TYP
TYP
TYP
MIN
MIN
MIN
MIN
OUTPUT CHARACTERISTICS
Output Voltage Swing from Rail
Output Current (IOUT)
RL = 100KΩ
RL = 10KΩ
0.008
0.08
27
20
18.8
V
V
mA
TYP
TYP
MIN
POWER SUPPLY
Operating Voltage Range
Power Supply Rejection Ratio (PSRR)
Quiescent Current (IQ)
Vs =+2.5V to + 5.5V
VCM= (-VS) + 0.5V
IOUT = 0
82
60
2.1
5.5
60
80
2.5
5.5
58
86
V
V
dB
µA
MIN
MAX
MIN
MAX
FC321SOT
2019. 11. 21
2/8
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com