Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSTA05 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MMSTA05
Description  NPN General Purpose Amplifier transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMSTA05 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MMSTA05 Datasheet HTML 1Page - First Silicon Co., Ltd MMSTA05 Datasheet HTML 2Page - First Silicon Co., Ltd MMSTA05 Datasheet HTML 3Page - First Silicon Co., Ltd MMSTA05 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
Item
Symbol
Unit
Conditions
Min
Max
Collector-base breakdown voltage
VCBO
V
IC=100μA,IE=0
MMSTA05
MMSTA06
60
80
Collector-emitter breakdown voltage
VCEO
V
IC =1mA,IB=0
MMSTA05
MMSTA06
60
80
Emitter-base breakdown voltage
VEBO
V
IE=100μA,IC=0
4
Collector-base cut-off current
ICBO
nA
VCB=60V,IE=0,
MMSTA05
VCB=80V,IE=0,
MMSTA06
100
100
Collector-emitter cut-off current
ICEO
nA
VCE=60V,IB=0
100
I
t
n
e
rr
u
c
ff
o
-t
u
c
e
s
a
b
-r
e
tt
i
m
E
EBO
nA
VEB=3V,IC=0
100
DC current gain
hFE
VCE=1V,IC=10mA
100
400
hFE
VCE=1V,IC=100mA
100
Collector-emitter saturation voltage
VCE(sat)
V
IC=100mA,IB=10mA
0.25
Base-emitter saturation voltage
VBE(sat)
V
IC=100mA,IB=10mA
1.2
Other Characteristics(Ta=25℃ Unless otherwise specified)
Item
Symbol
Unit
Conditions
Min
Max
z
H
M
t
F
y
c
n
e
u
q
e
rf
n
o
it
i
s
n
a
r
T
VCE=2V,IC=10mA,f=100MHz
100
Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
MMSTA05
MMSTA06
F2
Approximate 0.005
3000
30000
120000
7” reel
2021. 01. 12
2/4
Revision No : 0
MMSTA05 ~ MMSTA06



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com