Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7618/WAF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV7618/WAF
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7618/WAF Datasheet(HTML) 1 Page - STMicroelectronics

  STV7618/WAF Datasheet HTML 1Page - STMicroelectronics STV7618/WAF Datasheet HTML 2Page - STMicroelectronics STV7618/WAF Datasheet HTML 3Page - STMicroelectronics STV7618/WAF Datasheet HTML 4Page - STMicroelectronics STV7618/WAF Datasheet HTML 5Page - STMicroelectronics STV7618/WAF Datasheet HTML 6Page - STMicroelectronics STV7618/WAF Datasheet HTML 7Page - STMicroelectronics STV7618/WAF Datasheet HTML 8Page - STMicroelectronics STV7618/WAF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
April 2002
1/16
Version 4.2
STV7618
PLASMA DISPLAY PANEL DATA DRIVER
FEATURES
s
96 Outputs Plasma Display Driver
s
90V Absolute Maximum Rating
s
3.3V / 5V Compatible Logic
s
-40 / 30 mA Source / Sink Output MOS
s
3 or 6 Bit Data Bus (40 MHz)
s
BCD Process
s
Packaging Adapted to Customer’s Request
(DICE, COB, COF, TAB).
DESCRIPTION
STV7618 is a data driver for Plasma Display
Panel (PDP) designed in the ST proprietary BCD
high voltage technology. Using a 3 or 6 bit wide
data bus, it can control 96 high current & high
voltage outputs. The STV7618 is supplied with a
separated 70V power output supply and a 5V logic
supply. All command inputs are CMOS and 3.3V
logic levels compatible.
Die
ORDER CODE: STV7618/WAF (1)
(1)Unsawn tested wafer
1


Similar Part No. - STV7618/WAF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7610 STMICROELECTRONICS-STV7610 Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7612/WAF STMICROELECTRONICS-STV7612/WAF Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7617 STMICROELECTRONICS-STV7617 Datasheet
124Kb / 17P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
More results

Similar Description - STV7618/WAF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7617 STMICROELECTRONICS-STV7617 Datasheet
124Kb / 17P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
STV7697A STMICROELECTRONICS-STV7697A Datasheet
110Kb / 15P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
STV7699 STMICROELECTRONICS-STV7699 Datasheet
108Kb / 9P
PLASMA DISPLAY PANEL DATA DRIVER
Jan-1999
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
26-Feb-2004
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
logo
STMicroelectronics
STV7622 STMICROELECTRONICS-STV7622 Datasheet
313Kb / 32P
192 output plasma display panel data driver
29-May-2007
STV7697 STMICROELECTRONICS-STV7697 Datasheet
164Kb / 8P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com