Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7618WAF Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV7618WAF
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7618WAF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV7618WAF Datasheet HTML 6Page - STMicroelectronics STV7618WAF Datasheet HTML 7Page - STMicroelectronics STV7618WAF Datasheet HTML 8Page - STMicroelectronics STV7618WAF Datasheet HTML 9Page - STMicroelectronics STV7618WAF Datasheet HTML 10Page - STMicroelectronics STV7618WAF Datasheet HTML 11Page - STMicroelectronics STV7618WAF Datasheet HTML 12Page - STMicroelectronics STV7618WAF Datasheet HTML 13Page - STMicroelectronics STV7618WAF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
STV7618
10/15
6 - CIRCUIT DESCRIPTION
STV7618 includes all the logic and power circuits
necessary to drive column electrodes of a Plasma
Display Panel (P. D. P.). Binary values of each pix-
el of the displayed line are loaded into the shift reg-
ister by a 6 bits wide (A1 - A6) or 3 bits wide (A1 -
A3) data bus depending on the configuration of the
BS input pin. Data is shifted at each low to high
transition of the CLK clock.
The forward /reverse (F/R) input is used to select
the direction of the shift register.
The BS input is used to configure the shift register
either in 3 x 32 bits or in 6 x 16 bits.
In case of a 3bits arrangement, A1, A2 and A3
data bus input pins are used. The 3 shift registers
are loaded with 32 clock pulses. A4, A5 and A6
data bus input pins are at high impedance status.
The maximum frequency of the shift clock is
40MHz. This leads to an equivalent 240 MHz seri-
al shift register for a 6 x 16 bits arrangement.
When the STB signal is Low, data are transferred
from the shift register to the latch and power output
stages.
All the output data are kept memorised and held in
the latch stage when the latch input STB is pulled
high.
Vsssub and Vsslog must be connected as close as
possible to the logical reference ground of the ap-
plication.
STV7618 is supplied with a 5 volt power supply. All
the logic inputs can be driven either by 5V CMOS
logic, or by 3.3V CMOS logic.
Table 1: Shift register truth table
Table 2: Power output truth table
Qn+1 = A1, Qn+2 = A2, Qn+3 = A3, Qn+4 = A4, Qn+5 = A5, Qn+6 = A6, n = [0,6,12,18,...,90]
and BS = “L”
Input
Shift register function
BS
F/R
CLK
Output Q
X
L
rise
Forward shift
X
L
H or L
Steady
X
H
rise
Reverse shift
X
H
H or L
Steady
H
X
X
3 bits shift register
L
X
X
6 bits shift register
Qn
STB
BLK
POC
Driver Output
Comments
X
X
L
X
all L
Output at low level
X
X
H
L
all H
Output at high level
X
H
H
H
Qn
Data latched
L
L
H
H
L
Data copied
H
L
H
H
H
Data copied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com