Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P80CL31HFP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P80CL31HFP
Description  Low-voltage single-chip 8-bit microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CL31HFP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P80CL31HFP Datasheet HTML 5Page - NXP Semiconductors P80CL31HFP Datasheet HTML 6Page - NXP Semiconductors P80CL31HFP Datasheet HTML 7Page - NXP Semiconductors P80CL31HFP Datasheet HTML 8Page - NXP Semiconductors P80CL31HFP Datasheet HTML 9Page - NXP Semiconductors P80CL31HFP Datasheet HTML 10Page - NXP Semiconductors P80CL31HFP Datasheet HTML 11Page - NXP Semiconductors P80CL31HFP Datasheet HTML 12Page - NXP Semiconductors P80CL31HFP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Philips Semiconductors
Product specification
80CL31/80CL51
Low-voltage single-chip 8-bit microcontrollers
January 1995
9
2 OSCILLATOR PERIODS
STRONG PULL UP
+5V
I/O PIN
P3
P2
P1
n
FROM
PORT
LATCH
Q
INPUT DATA
READ PORT PIN
INPUT BUFFER
(a)
STRONG PULL UP
+5V
P1
n
I/O PIN
FROM
PORT
LATCH
Q
(b)
+5V
I/O PIN
EXT.
PULL UP
n
INPUT BUFFER
INPUT DATA
FROM
PORT
LATCH
Q
READ PORT PIN
(c)
Figure 3. Ports
The definition of port options for port 0 is slightly different. Two
cases have to be examined. First, accesses to external memory
(EA=0 or access above the built -in memory boundary), second, I/O
accesses.
External Memory Accesses
Option 1: True 0 and 1 are written as address to the external
memory (strong pull up is used).
Option 2: An external pull up resistor is needed for external
accesses.
Option 3: Not allowed for external memory access as the port can
only be used as output.
I/O Accesses
Option 1: When writing a 1 to the port-latch, the strong pull up p1
will be on for 2 oscillator periods. No weak pull up exists.
Without an external pull up, this option can be used as a
high-impedance input.
Option 2: Open drain; quasi-bidirectional I/O with n-channel open
drain output. Use as an output requires the connection of
an external pull up resistor (see Figure 3(c)).
Option 3: Push-Pull; output with drive capability in both polarities.
Under this option, pins can only be used as outputs.
Individual mask selection of the post-reset state is available on any
of the above pins. Make your selection by appending “S” or “R” to
option 1, 2, or 3 above (e.g. 1 S for a standard I/O to be set after
RESET or 2R for an open-drain I/O to be reset after RESET).
1.3
Timer/event counter
The 80CL51 contains two 16-bit Timer/Counter registers, Timer 0
and Timer 1, which can perform the following functions:
– Measure time intervals and pulse durations
– Count events
– Generate interrupts requests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com