Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF8510CSA Datasheet(PDF) 2 Page - Anachip Corp

Part # AF8510CSA
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF8510CSA Datasheet(HTML) 2 Page - Anachip Corp

  AF8510CSA Datasheet HTML 1Page - Anachip Corp AF8510CSA Datasheet HTML 2Page - Anachip Corp AF8510CSA Datasheet HTML 3Page - Anachip Corp AF8510CSA Datasheet HTML 4Page - Anachip Corp AF8510CSA Datasheet HTML 5Page - Anachip Corp AF8510CSA Datasheet HTML 6Page - Anachip Corp AF8510CSA Datasheet HTML 7Page - Anachip Corp AF8510CSA Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AF8510C
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Nov 14, 2005
2/8
Absolute Maximum Ratings
Symbol
Parameter
N-Channel P-Channel
Units
VDS
Drain-Source Voltage
30
-30
VGS
Gate-Source Voltage
±20
±20
V
TA=25ºC
6.9
-5.3
ID
Continuous Drain Current (Note 1)
TA=70ºC
5.5
-4.2
V
IDM
Pulsed Drain Current (Note 2)
30
-30
A
PD
Total Power Dissipation
TA=25ºC
2.0
W
Linear Deratomg Factor
0.016
W/ ºC
TJ, TSTG
Operating Junction and Storage Temperature Range
-55 to 150
ºC
Thermal Data
Symbol
Parameter
Maximum
Units
Rthj-amb
Thermal Resistance Junction-ambient (Note 1)
Max.
62.5
ºC/W
N-CH Electrical Characteristics at T
J=25ºC unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage VGS=0V, ID=250uA
30
-
-
V
BV
 
DSS / TJ
Breakdown Voltage Temperature
Coefficient
Reference to 25
oC,
ID=1mA
-
0.02
-
V/
oC
VGS=10V, ID=5A
-
-
28
RDS(ON)
Static Drain-Source
On-Resistance (Note 3)
VGS=4.5V, ID=3A
-
-
40
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=5A
-
4.6
-
S
Drain-Source Leakage Current
(TJ=25
oC)
VDS=30V, VGS=0V
-
-
1
IDSS
Drain-Source Leakage Current
(TJ=70
oC)
VDS=24V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=±20V
-
-
±100
nA
Qg
Total Gate Charge (Note 3)
-
10
16
Qgs
Gate-Source Charge
-
2
-
Qgd
Gate-Drain (“Miller”) Charge
ID=6.9A,
VDS=24V,
VGS=4.5V
-
6
-
nC
td(on)
Turn-On Delay Time (Note 3)
-
8
-
tr
Rise Time
-
7
-
td(off)
Turn-Off Delay Time
-
20
-
tf
Fall-Time
VDS=15V,
ID=1A,
RG=3.3Ω, VGS=10V
RD=15Ω
-
6
-
ns
Ciss
Input Capacitance
-
540
870
Coss
Output Capacitance
-
160
-
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=25V,
f=1.0MHz
-
120
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSD
Forward On Voltage (Note 3)
IS=1.7A, VGS=0V
-
-
1.2
V
trr
Reverse Recovery Time
-
20
-
ns
Qrr
Reverse Recovery Charge
IS=6.9A, VGS=0V
dl/dt=100A/µs
-
11
-
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com