Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5452363 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452363
Description  Printed-circuit board connector - BCH-500HF-14 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452363 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452363 Datasheet HTML 1Page - PHOENIX CONTACT 5452363 Datasheet HTML 2Page - PHOENIX CONTACT 5452363 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452363
05/03/2016   Page 1 / 3
Printed-circuit board connector - BCH-500HF-14 BK - 5452363
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 14, Pitch: 5 mm, Color: black,
Contact surface: Tin, Mounting: Wave soldering
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
China
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27141110
eCl@ss 8.0
27440402
eCl@ss 9.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637


Similar Part No. - 5452363

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452360 PHOENIX-5452360 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-500HF-11 BK
5452361 PHOENIX-5452361 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-500HF-12 BK
5452362 PHOENIX-5452362 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-500HF-13 BK
5452364 PHOENIX-5452364 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-500HF-15 BK
5452365 PHOENIX-5452365 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-500HF-16 BK
More results

Similar Description - 5452363

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452354 PHOENIX-5452354 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-500HF- 5 BK
5452369 PHOENIX-5452369 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-500HF-20 BK
5452364 PHOENIX-5452364 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-500HF-15 BK
5452365 PHOENIX-5452365 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-500HF-16 BK
5452368 PHOENIX-5452368 Datasheet
90Kb / 4P
Printed-circuit board connector - BCH-500HF-19 BK
5452355 PHOENIX-5452355 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-500HF- 6 BK
5452357 PHOENIX-5452357 Datasheet
90Kb / 4P
Printed-circuit board connector - BCH-500HF- 8 BK
5452359 PHOENIX-5452359 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-500HF-10 BK
5452361 PHOENIX-5452361 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-500HF-12 BK
5452362 PHOENIX-5452362 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-500HF-13 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com