Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1128SA Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1128SA
Description  3A Bus Terminator Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1128SA Datasheet(HTML) 3 Page - Anachip Corp

  AP1128SA Datasheet HTML 1Page - Anachip Corp AP1128SA Datasheet HTML 2Page - Anachip Corp AP1128SA Datasheet HTML 3Page - Anachip Corp AP1128SA Datasheet HTML 4Page - Anachip Corp AP1128SA Datasheet HTML 5Page - Anachip Corp AP1128SA Datasheet HTML 6Page - Anachip Corp AP1128SA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3A Bus Terminator Regulator
AP1128
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Jul 20, 2005
3/7
Electrical Characteristics
VIN = +2.5V, VCNTL = +3.3V, VREFEN = +1.25V, COUT = 10uF (Ceramic)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VOS
Output Offset Voltage (Note 1)
IOUT=0A
-20
-5
20
mV
IL: 0A --> 1.5A
-
0.5
2
∣
∆VLOAD∣ Load Regulation
IL: 0A --> -1.5A
-
0.5
2
%
VIN
Input Voltage Range (DDR I/II) (Note2) VCNTL ≥ VIN
1.6
2.5/1.8
-
V
VCNTL
Gate Drive Voltage Range (Note2)
VCNTL ≥ VIN
-
3.3
6
V
ICNTL
Operation Current of VCNTL
IOUT = 0A
-
3
6
mA
ISHDN
Current in Shutdown
VREFEN < 0.2V,
RL=180Ω
-
10
90
uA
IQ
Quiescent Current
IOUT=0A
-
1
3
mA
Short Circuit Protection
SOP-8
-
2
-
ILIMIT
Current Limit
TO-252
-
3
-
A
Over Temperature Protection
TOS
Thermal Shutdown Temperature
3.3V
≤ VCNTL ≤ 5V
-
140
-
oC
Shutdown Function
Shutdown Threshold Trigger
Output = High
0.8
-
-
Shutdown Threshold Trigger
Output = Low
-
-
0.2
V
Note 1: VOS is the voltage measurement VOUT subtracted from VREFEN.
Note 2: Keep VCNTL ≥ VIN at power on/off sequences.
Note 3: Surface mounted on 1 in
2 copper pad of FR4 board
Typical Performance Characteristics
1.20
1.22
1.24
1.26
1.28
1.30
1.5
1.6
1.7
1.9
2.1
2.3
2.5
VIN (V)
Fig 1. Line Regulation ( VIN v.s. VOUT )
1.20
1.22
1.24
1.26
1.28
1.30
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
VCNTL (V)
Fig 2. Line Regulation ( VCNTL v.s. VOUT )
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2.02.5 3.03.5 4.0 4.5 5.05.5 6.0
VCNTL (V)
Fig 3. Line Regulation ( VCNTL v.s. ICNTL )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com