Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS651 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS651
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS651 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS651 Datasheet HTML 1Page - Integrated Circuit Systems ICS651 Datasheet HTML 2Page - Integrated Circuit Systems ICS651 Datasheet HTML 3Page - Integrated Circuit Systems ICS651 Datasheet HTML 4Page - Integrated Circuit Systems ICS651 Datasheet HTML 5Page - Integrated Circuit Systems ICS651 Datasheet HTML 6Page - Integrated Circuit Systems ICS651 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LOW SKEW 1 TO 4 CLOCK BUFFER
MDS 651 C
5
Revision 120805
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS651
AC Electrical Characteristics
VDD = 1.8 V ±5%
, Ambient Temperature -40 to +85
°C, unless stated otherwise
VDD = 2.5 V ±5%
, Ambient Temperature -40 to +85
°C, unless stated otherwise
Notes: 1. With rail to rail input clock
2. Between any 2 outputs with equal loading.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
166
MHz
Output Rise Time
tOR
0.63 V to 1.17 V
1.0
1.5
ns
Output Fall Time
tOF
1.17 V to 0.63 V
1.0
1.5
ns
Propagation Delay
Note 1
2.2
3
5
ns
Output to Output Skew
Note 2
Rising edges at VDD/2
0
±250
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.7 V to 1.7 V
1.0
1.5
ns
Output Fall Time
tOF
1.7 V to 0.7 V
1.0
1.5
ns
Propagation Delay
Note 1
2.2
3
5
ns
Output to Output Skew
Note 2
Rising edges at VDD/2
0
±250
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com