Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P80CL31HFPN Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P80CL31HFPN
Description  Low-voltage single-chip 8-bit microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CL31HFPN Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P80CL31HFPN Datasheet HTML 9Page - NXP Semiconductors P80CL31HFPN Datasheet HTML 10Page - NXP Semiconductors P80CL31HFPN Datasheet HTML 11Page - NXP Semiconductors P80CL31HFPN Datasheet HTML 12Page - NXP Semiconductors P80CL31HFPN Datasheet HTML 13Page - NXP Semiconductors P80CL31HFPN Datasheet HTML 14Page - NXP Semiconductors P80CL31HFPN Datasheet HTML 15Page - NXP Semiconductors P80CL31HFPN Datasheet HTML 16Page - NXP Semiconductors P80CL31HFPN Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Philips Semiconductors
Product specification
80CL31/80CL51
Low-voltage single-chip 8-bit microcontrollers
January 1995
13
SM2
Enables the multiprocessor communication feature in Modes 2 and 3. In Mode 2 or 3, if SM2 is set to 1 then Rl will not
be activated if the received 9th data bit (RB8) is 0. In Mode 1, if SM2=1 then R1 will not be activated if a valid stopbit
was not received. In Mode 0, SM2 should be 0.
REN
Enables serial reception. Set by software to enable reception. Clear by software to disable reception.
TB8
Is the 9th data bit that will be transmitted in Modes 2 and 3. Set or clear by software as desired.
RB8
In Modes 2 and 3, is the 9th data bit that was received. In Mode 1, it SM2=0, RB8 is the stop bit that was received. In
Mode 0, RB8 is not used.
TI
Is transmit interrupt flag. Set by hardware at the end of the 8th time in Mode 0, or at the beginning of the stop bit in the
other modes, in any serial transmission. Must be cleared by software.
RI
Receive interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or halfway through the stop bit time in
the other modes, in any serial reception except (see SM2). Must be cleared by software.
MSB
LSB
SM0
SM1
SM2
REN
TB8
RB8
T1
R1
Where SM0, SM1 specify the serial port mode, as follows:
SM0
SM1
Mode
Description
Baud Rate
0
0
0
shift register
fOSC/ 12
0
1
1
8-bit UART
variable
1
0
2
9-bit UART
fOSC/64
or
fOSC/32
1
1
3
9-bit variable UART
Figure 6. Serial Port control (SCON) Register
Table 2.
Timer 1 Generated Commonly Used Baud Rates
TIMER 1
BAUD RATE
fOSC
SMOD
C/T
MODE
RELOAD VALUE
Mode 0 Max: 1.33 Mb/s
16 MHz
x
x
x
x
Mode 2 Max: 500 Kb/s
16 MHz
1
x
x
x
Modes 1,3: 83.3 Kb/s
16 MHz
1
0
2
FFH
19.2 Kb/s
11.059 MHz
1
0
2
FDH
9.6 Kb/s
11.059 MHz
0
0
2
FDH
4.8 Kb/s
11.059 MHz
0
0
2
FAH
2.4 Kb/s
11.059 MHz
0
0
2
F4H
1.2 Kb/s
11.059 MHz
0
0
2
E8H
137.5 Kb/s
11.986 MHz
0
0
2
1DH
110
6 MHz
0
0
2
72H
110
12 MHz
0
0
1
FEEBH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com