Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM20N50F Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM20N50F
Description  500V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM20N50F Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM20N50F Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N50F Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N50F Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N50F Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N50F Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N50F Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM20N50F Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Figure 4. Body Diode Forward Voltage
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
10
-1
10
0
10
1
10
0
10
1
V
GS
Top:
15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
Bottom: 5.5V
Notes :
1. 250µs Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
024
68
10
10
-1
10
0
10
1
Notes :
1. V
DS = 50V
2. 250µ s Pulse Test
-55℃
150℃
25℃
V
GS , Gate-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
25℃
150℃
Notes :
1. V
GS = 0V
2. 250µ s Pulse Test
V
SD , Source-Drain Voltage [V]
0
1020
304050
6070
80
0.0
0.2
0.4
0.6
0.8
1.0
V
GS = 20V
V
GS = 10V
Note : T
J = 25℃
I
D, Drain Current [A]
0
10
2030
405060
7080
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
? Note : I
D = 20 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
1000
2000
3000
4000
5000
6000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
? Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com