Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4835 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC4835
Description  Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4835 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC4835 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4835 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC4835
Silicon NPN epitaxial planer type
For UHF band low-noise amplification
s Features
q
Low noise figure NF.
q
High gain.
q
High transition frequency fT.
q
S-Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–70
3:Collector
S–Mini Type Package
2.1
±0.1
1.25
±0.1
0.425
0.425
1
3
2
0.2
±0.1
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
15
10
2
80
150
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to base voltage
Collector to emitter voltage
Forward current transfer ratio
Transition frequency
Collector output capacitance
Foward transfer gain
Maximum unilateral power gain
Noise figure
Symbol
ICBO
IEBO
VCBO
VCEO
hFE
fT
Cob
| S21e |
2
GUM
NF
Conditions
VCB = 10V, IE = 0
VEB = 2V, IC = 0
IC = 10µA, IE = 0
IC = 100µA, IB = 0
VCE = 8V, IC = 20mA
*
VCE = 8V, IC = 15mA, f = 800MHz
VCB = 10V, IE = 0, f = 1MHz
VCE = 8V, IC = 15mA, f = 800MHz
VCE = 8V, IC = 15mA, f = 800MHz
VCE = 8V, IC = 7mA, f = 800MHz
min
15
10
50
5
11
typ
150
6
0.7
14
15
1.3
max
1
1
200
1.2
2
Unit
µA
µA
V
V
GHz
pF
dB
dB
dB
Marking symbol :
3M
* Pulse measurement


Similar Part No. - 2SC4835

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4830 ISC-2SC4830 Datasheet
246Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC4830 NJSEMI-2SC4830 Datasheet
126Kb / 2P
Silicon NPN Power Transistor
logo
List of Unclassifed Man...
2SC4831 ETC-2SC4831 Datasheet
78Kb / 1P
SUPER HIGH SPEED SWITCHING TRANSISTORS
logo
Shindengen Electric Mfg...
2SC4833 SHINDENGEN-2SC4833 Datasheet
418Kb / 9P
Switching Power Transistor(5A NPN)
logo
Savantic, Inc.
2SC4833 SAVANTIC-2SC4833 Datasheet
223Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4835

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2671 PANASONIC-2SC2671 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3704 PANASONIC-2SC3704 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3707 PANASONIC-2SC3707 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF amplification)
2SC3829 PANASONIC-2SC3829 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3904 PANASONIC-2SC3904 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For 2GHz band low-noise amplification)
2SC3937 PANASONIC-2SC3937 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4805 PANASONIC-2SC4805 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For 2GHz band low-noise amplification)
2SC4808 PANASONIC-2SC4808 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4968 PANASONIC-2SC4968 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC5019 PANASONIC-2SC5019 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com