Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST75C Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SST75C
Description  Ceramic Stratum 3 SMT 10 Pad CMOS (VC)TCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SST75C Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SST75C Datasheet HTML 1Page - Suntsu Electronics, Inc. SST75C Datasheet HTML 2Page - Suntsu Electronics, Inc. SST75C Datasheet HTML 3Page - Suntsu Electronics, Inc. SST75C Datasheet HTML 4Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SST75C Series
Ceramic Stratum 3 SMT 10 Pad CMOS (VC)TCXO
7.0mm x 5.0mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
• Stratum 3 (Overall ±4.6ppm )
• CMOS
• (VC)TCXO
• Tape and Reel
• Base Stations
• Stratum 3
• Small Cell
Features
Applications
Frequency Range
Holdover Stability
Storage Temperature
Freq. Stability vs. Op Temp.
Supply Voltage (VDD) - 3.3V Option
Supply Voltage (VDD) - 5.0V Option
See part numbering guide for options.
3.3
5.0
MHz
ppm
°C
ppm
V
V
26
+0.37
+125
3.465
5.250
5
-0.37
-55
-0.28
3.135
4.750
Current (IDD)
Voltage (VC, VCTCXO) - 3.3V Option
Voltage (VC, VCTCXO) - 5.0V Option
mA
V
V
6
2.5
2.5
0.5
0.5
+0.28
Operating Temperature
See part numbering guide for options.
°C
+85
-40
Frequency Tolerance at +25ºC
ppm
-4.6
+4.6
Pullability (VCTCXO)
Output Logic LOW Level (VOL)
Tri-State Input Voltage (Enabled)
Output Load (CMOS)
Tri-State Input Voltage (Disabled)
Start-Up Time
VC Input Impedance (VCTCXO)
See part numbering guide for options.
50
ppm
V
%
pF
V
V
ms
±8.0
0.1*VDD
55
0.3*VDD
2
±5.0
45
0.7*VDD
Phase Noise (Typical) 100Hz Offset
Phase Noise (Typical) 1KHz Offset
Phase Noise (Typical) 10KHz Offset
-120
-140
kΩ
dBc/Hz
dBc/Hz
100
15
Symmetry (Duty Cycle)
ns
5
Linearity (VCTCXO)
%
10
-148
dBc/Hz
Rise (TR) And Fall (TF) Time
Output Logic HIGH Level (VOH)
V
0.9*VDD
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum
SST 75 C 33 S 48 V F - 10.000M
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
* Option U is available only for -20°C to +70°C
SUNTSU TCXO
7.0mm x 5.0mm
CMOS
Part Numbering Guide
COMPLIANT
FREQUENCY STABILITY
FREQUENCY
F : ±0.50ppm
S : ±0.37ppm
T : ±0.28ppm
*U : ±0.14ppm
07 : 0°C - +70°C
16 : -10°C - +60°C
27 : -20°C - +70°C
48 : -40°C - +85°C
MHz
SUPPLY VOLTAGE
33 : 3.3V±5%
50 : 5.0V±5%
PULLABILITY
BLANK : TCXO
F : ±8.0ppm
G : ±5.0ppm
TCXO/VCTCXO
BLANK : TCXO
V : VCTCXO
OPERATING
TEMPERATURE RANGE


Similar Part No. - SST75C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SST750 BEL-SST750 Datasheet
83Kb / 2P
Square Ceramic Surface Mount Slow Blow Fuse
SST750 BEL-SST750 Datasheet
413Kb / 2P
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
SST750 BEL-SST750 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
logo
Suntsu Electronics, Inc...
SST75K SUNTSU-SST75K Datasheet
870Kb / 4P
Ceramic Stratum 3 SMT 10 Pad Clipped Sinewave (VC)TCXO
SST75K33F07 SUNTSU-SST75K33F07 Datasheet
870Kb / 4P
Ceramic Stratum 3 SMT 10 Pad Clipped Sinewave (VC)TCXO
More results

Similar Description - SST75C

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SST20C SUNTSU-SST20C Datasheet
415Kb / 3P
Metal Stratum 3 DIP CMOS (VC) TCXO
SST75K SUNTSU-SST75K Datasheet
870Kb / 4P
Ceramic Stratum 3 SMT 10 Pad Clipped Sinewave (VC)TCXO
STC32C SUNTSU-STC32C Datasheet
856Kb / 4P
Ceramic SMT 4 Pad CMOS (VC)TCXO
STC32K SUNTSU-STC32K Datasheet
902Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC53C SUNTSU-STC53C Datasheet
613Kb / 4P
Ceramic SMT 4 Pad CMOS (VC)TCXO
STC75C SUNTSU-STC75C Datasheet
702Kb / 4P
Ceramic SMT 10 Pad CMOS (VC)TCXO
STC75K SUNTSU-STC75K Datasheet
788Kb / 4P
Ceramic SMT 10 Pad Clipped Sinewave (VC)TCXO
STX478 SUNTSU-STX478 Datasheet
540Kb / 3P
Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
STX479 SUNTSU-STX479 Datasheet
551Kb / 3P
Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
logo
ECS, Inc.
ECS-TXO53-S3 ECS-ECS-TXO53-S3 Datasheet
1Mb / 3P
CMOS TCXO/VC-TCXO Stratum 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com