Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST75K Datasheet(PDF) 4 Page - Suntsu Electronics, Inc.

Part # SST75K
Description  Ceramic Stratum 3 SMT 10 Pad Clipped Sinewave (VC)TCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SST75K Datasheet(HTML) 4 Page - Suntsu Electronics, Inc.

  SST75K Datasheet HTML 1Page - Suntsu Electronics, Inc. SST75K Datasheet HTML 2Page - Suntsu Electronics, Inc. SST75K Datasheet HTML 3Page - Suntsu Electronics, Inc. SST75K Datasheet HTML 4Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SST75K Series
Ceramic Stratum 3 SMT 10 Pad Clipped Sinewave (VC)TCXO
7.0mm x 5.0mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
Mechanical Shock
Vibration
MIL-STD-202, Method 213, Condition B
MIL-STD-883, Method 2007, Condition A
MIL-STD-883, Method 1010, Condition B
MIL-STD-883, Method 1014, Condition A
Moisture Resistance
MIL-STD-883, Method 1004
MIL-STD-883, Method 1014, Condition C
Resistance to Solvents
MIL-STD-202, Method 215
MIL-STD-883, Method 2003
Temperature Cycling
Fine Leak Test
Gross Leak Test
Solderability
Resistance to Soldering Heat
MIL-STD-202, Method 210, Condition K
J-STD-020, MSL 1
Moisture Sensitivity
Environmental Specifications
Mechanical Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com