Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC21K Datasheet(PDF) 2 Page - Suntsu Electronics, Inc.

Part # STC21K
Description  Ceramic SMT 6 Pad Clipped Sinewave (VC)TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

STC21K Datasheet(HTML) 2 Page - Suntsu Electronics, Inc.

  STC21K Datasheet HTML 1Page - Suntsu Electronics, Inc. STC21K Datasheet HTML 2Page - Suntsu Electronics, Inc. STC21K Datasheet HTML 3Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STC21K Series
Ceramic SMT 6 Pad Clipped Sinewave (VC)TCXO
2.0mm x 1.6mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
Bottom View
All dimensions are in millimeters (mm) unless otherwise noted. Drawings are not to scale.
Outline Drawing & Land Pattern
Test Circuit (Clipped Sinewave)
Waveform (Clipped Sinewave)
Tape And Reel Dimensions
All dimensions are in millimeters (mm) unless otherwise noted. Drawings are not to scale.
3,000pcs/Reel
To ensure optimal oscillator
performance, place a by-pass
Capacitor of 0.1μF as close to the
part as possible between Vdd and
GND pads.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com