Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM2376K Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # EM2376K
Description  ESD/EMI PROTECTION FOR COLOR LCD INTERFACES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

EM2376K Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  EM2376K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd EM2376K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd EM2376K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EM2376K
ESD/EMI PROTECTION FOR COLOR LCD INTERFACES
Features
●
Ultra low leakage: nA level
●
Operating voltage: 5V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions DFN2514
Pin Configuration
Mechanical Characteristics
●
Package: DFN2514
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3,000pcs
●
Reel Size:7 inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Lead Soldering Temperature
TL
260 (10 sec.)
℃
ESD per IEC 61000−4−2 (Air)
VESD
±15
Kv
ESD per IEC 61000−4−2 (Contact)
± 8
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃


Similar Part No. - EM2376K

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
EM2376K SOCAY-EM2376K Datasheet
421Kb / 3P
6-Channel EMI Filter with Integrated ESD Protection
logo
UN Semiconducctor INC
EM2376K UNSEMI-EM2376K Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - EM2376K

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2374P SEMTECH-ECLAMP2374P Datasheet
219Kb / 8P
ESD/EMI Protection for Color LCD Interfaces
ECLAMP2376K SEMTECH-ECLAMP2376K Datasheet
170Kb / 8P
ESD/EMI Protection for Color LCD Interfaces
ECLAMP2386K SEMTECH-ECLAMP2386K Datasheet
165Kb / 8P
ESD/EMI Protection for Color LCD Interfaces
ECLAMP2394P SEMTECH-ECLAMP2394P Datasheet
215Kb / 8P
ESD/EMI Protection for Color LCD Interfaces
ECLAMP2396P SEMTECH-ECLAMP2396P Datasheet
218Kb / 8P
ESD/EMI Protection for Color LCD Interfaces
ECLAMP2454P SEMTECH-ECLAMP2454P Datasheet
215Kb / 8P
ESD/EMI Protection for Color LCD Interfaces
ECLAMP2458P SEMTECH-ECLAMP2458P Datasheet
218Kb / 8P
ESD/EMI Protection for Color LCD Interfaces
ECLAMP2504K SEMTECH-ECLAMP2504K Datasheet
150Kb / 8P
ESD/EMI Protection for Color LCD Interfaces
ECLAMP2506K SEMTECH-ECLAMP2506K Datasheet
151Kb / 8P
ESD/EMI Protection for Color LCD Interfaces
ECLAMP2508K SEMTECH-ECLAMP2508K Datasheet
151Kb / 8P
ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com