Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2XRP2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2XRP2
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XRP2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2XRP2 Datasheet HTML 1Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 2Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 3Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 4Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 5Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: M2XRP2
http://www.m-system.co.jp/
M2XRP2 SPECIFICATIONS
ES-5059 Rev.12 Page 2/6
[5] OPTIONS (multiple selections)
Standards & Approvals (must be specified)
/N: Without CE or UL
/CE: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
TERMINAL SCREW MATERIAL
/S01: Stainless steel (UL not available)
RELATED PRODUCTS
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -15 to +115 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Configuration: Via PC Configurator Software (model:JXCON)
on the Windows PC connected to
the front jack.
Programmable features include:
· I/O type and range
· Zero and span adjustments
· Low-end cutout
· Linearization
Status indicator LED: Red LED; Flashing patterns indicate
different operating status of the transmitter.
Input monitor (PL1): Green LED blinks according to the input
phase A.
Input monitor (PL2): Green LED blinks according to the input
phase B.
Excitation adjustment: 5V or 12V DC
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
Pulse sensing: DC coupled or capacitor coupled selectable
with DIP SW
Low-end cutout: 100 msec. – 100 sec. or no cutout
programmable
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection; 20 mA max. at
shortcircuit
Maximum frequency: 200 kHz
Frequency ranges:
0 – 10 mHz, 0 – 100 mHz, 0 – 1 Hz, 0 – 10 Hz, 0 – 100 Hz,
0 – 1 kHz, 0 – 10 kHz, 0 – 100 kHz
(Choose 100 kHz range to set the zero/span frequencies
lower than -100 kHz (higher than 100 kHz in the reverse
direction) or higher than 100 kHz (higher than 100 kHz in
the forward direction.))
Minimum pulse width time requirement: 2.5 μsec.
Minimum span: 10 % of the selected frequency range
Noise filter: See table 2
■ Open Collector
Input requirements
EXCITATION
SENSING
OFF
ON
5 V
Approx. 5 V
≥200 kΩ
≤200 Ω
12 V
Approx. 10 V
≥200 kΩ
≤200 Ω
Amplitude: 5 - 12 V
Detecting level:
5 V excitation: 1 V
12 V excitation: 2 V
(Detecting voltage in the internal circuit.
For open collector input, be sure to re-adjust the voltage
back to 1 V (5 V excitation) or 2 V (12 V excitation) if it has
been changed for other input types.)
Detecting pulse edge: OFF to ON
If not specified, the input range is 0 Hz – 1 kHz.
■ Voltage Pulse
Waveform: Square or sine
Input impedance: 10 kΩ min.
Pulse amplitude: 0.1 – 30 Vp-p
Pulse amplitude Range: See table 1.
Max. voltage between input terminals: See table 1.
Sensitivity Scale: See table 1.
Detecting level: -2 – +4 V
Detecting pulse state: A pulse rise detected when the input
voltage goes above the detecting level;
a pulse sink detected when it goes below the level.
If not specified, the input range is 0 Hz – 1 kHz.
■ RS-422 Line Driver Pulse
Receiver: Conforms to RS-422
If not specified, the input range is 0 Hz – 1 kHz.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com