Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2XPA3 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2XPA3
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XPA3 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2XPA3 Datasheet HTML 1Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 2Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 3Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 4Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 5Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: M2XPA3
M2XPA3 SPECIFICATIONS
ES-5104 Rev.14 Page 2/6
http://www.m-system.co.jp/
[4] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(90 – 264 V for UL)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
(110 V ±10 % for UL)
[5] OPTIONS (multiple selections)
Standards & Approvals (must be specified)
/N: Without CE or UL
/CE: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
TERMINAL SCREW MATERIAL
/S01: Stainless steel (UL not available)
RELATED PRODUCTS
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -15 to +115 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Configuration: Via PC Configurator Software (model: JXCON)
on the Windows PC connected to the front jack.
Programmable features include:
· I/O type and range
· Detecting level
· Sensor excitation
· Zero and span adjustments
· Low-end cutout
· Linearization
· Sample number for the moving average
DIP switch settings:
• Input Type
• Pulse Sensing (Capacitor coupled, DC coupled)
• Noise Filter (High, Low, None)
Status indicator LED: Blinking patterns indicate different
operating status of the transmitter.
Excitation adjustment: 4 V, 8 V or 12 V DC
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
Low-end cutout: 0 – 115 % programmable;
No cutout with 0 % setting; hysteresis fixed at 1 % (factory
set to: No cutout)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com