Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2XM2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2XM2
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XM2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2XM2 Datasheet HTML 1Page - M-System Co.,Ltd. M2XM2 Datasheet HTML 2Page - M-System Co.,Ltd. M2XM2 Datasheet HTML 3Page - M-System Co.,Ltd. M2XM2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M2XM2
M2XM2 SPECIFICATIONS
ES-5093 Rev.10 Page 2/4
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -15 to +115 %
(Negative current output is not provided.)
Manual zero adjustments: -5 to +5 %
(factory setting: 0 %)
Manual span adjustments: 95 to 105 %
(factory setting: 100 %)
Programming: Downloaded from PC; linearization (100
points), input range (total resistance), output range, zero
and span, simulating output, etc.
Burnout: Upscale standard; downscale or no burnout
optional by programming
Status indicator LED: Blinking patterns indicate different
operating status of the transmitter.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
INPUT SPECIFICATIONS
•Potentiometer: 100 Ω – 10 kΩ
Range : Minimum span
0 – 100 Ω : 2.5 Ω
0 – 300 Ω : 3.0 Ω
0 – 1000 Ω : 10 Ω
0 – 10 kΩ : 10 Ω
Excitation: ≤ 0.5 V DC at 1000 Ω
If not specified, default value is 1000 Ω.
OUTPUT SPECIFICATIONS
■ DC Current
Operational range: 0 – 24 mA DC
Output range: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 15 V max.
(e.g. 4 – 20 mA: 750 Ω [15 V ÷ 20 mA])
If not specified, the output range is 4 – 20 mA DC.
■ DC Voltage
Code V1 (narrow spans)
Operational range: -3 – +3 V DC
Output range: -2.5 – +2.5 V DC
Minimum span: 250 mV
Code V2 (wide spans)
Operational range: -11.5 – +11.5 V DC
Output range: -10 – +10 V DC
Minimum span: 1 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
(e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA])
If not specified, the output range is shown below.
V1: 0 – 1 V DC
V2: 1 – 5 V DC
INSTALLATION
Power Consumption
•AC:
Approx. 3 VA at 100 V
Approx. 4 VA at 200 V
Approx. 5 VA at 264 V
•DC: Approx. 2 W
Operating temperature: -30 to +60°C (-22 to +140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 120 g (0.26 lb)
PERFORMANCE in percentage of span
Accuracy: Input accuracy + output accuracy
Inversely proportional to the span.
Input accuracy: (% of max. input range)
(Range)
0 – 100 Ω : ±0.02 %
0 – 300 Ω : ±0.02 %
0 – 1000 Ω : ±0.01 %
0 – 10 kΩ : ±0.02 %
Output accuracy: ±0.04 % of max. output range
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max. span
at -5 to +55°C [23 to 131°F]
Response time: ≤ 0.9 sec. (0 – 90 %)
Burnout response time: ≤ 30 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Input Type 0 – 1000 Ω, Input Range 250 – 750 Ω
,Output Type 0 – 20 mA, Output Range 4 – 20 mA
Max. Input Range (1000 Ω) ÷ Span (500 Ω) × 0.01 %
= 0.02 %
Max. Output Range (20 mA) ÷ Span (16 mA) × 0.04 %
= 0.05 %
Overall accuracy = 0.02 % + 0.05 % = ±0.07 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com