Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2XU-00-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2XU-00-R
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XU-00-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2XU-00-R Datasheet HTML 1Page - M-System Co.,Ltd. M2XU-00-R Datasheet HTML 2Page - M-System Co.,Ltd. M2XU-00-R Datasheet HTML 3Page - M-System Co.,Ltd. M2XU-00-R Datasheet HTML 4Page - M-System Co.,Ltd. M2XU-00-R Datasheet HTML 5Page - M-System Co.,Ltd. M2XU-00-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: M2XU
M2XU SPECIFICATIONS
ES-5008 Rev.18 Page 3/6
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
■ DC Current: Shunt resistor attached to the input terminals
(0.5 W)
Operational range: 0 – 70 mA DC with 100 Ω, 0.5 W
Input range: 0 – 50 mA DC
Minimum span: 2 mA
Offset: Lower range can be any specific value within the
input range provided that the minimum span is maintained.
If not specified, the input range is 4 – 20 mA DC.
■ DC Voltage
Operational range: -11.5 – +11.5 V DC
Input range: -10 – +10 V DC
Minimum span: 10 mV for S1; 100 mV for S2
Offset: Lower range can be any specific value within the
input range provided that the minimum span is maintained.
If not specified, the input range is shown below.
S1: 0 – 100 mV DC
S2: 1 – 5 V DC
■ Thermocouple
For T/C types K, E, T, B, R, S, N or U, the accuracy in the
temperature ranges near the lower limit may be out of the
described value. Consult M-System for more detail.
Input resistance: 1 MΩ min.
Burnout sensing: 45 nA ±10 %
Offset: Lower range can be any specific value within the
input range provided that the minimum span is maintained.
If not specified, the input range is shown below.
T1 PR: 0 – 1600°C
T2 K: 0 – 1000°C
T3 E: 0 – 500°C
T4 J: 0 – 500°C
T5 T: 0 – 300°C
T6 B: 0 – 1800°C
T7 R: 0 – 1600°C
T8 S: 0 – 1600°C
T9 C: 0 – 2000°C
TN N: 0 – 1000°C
TU U: 0 – 300°C
TL L: 0 – 500°C
TP P: 0 – 1200°C
■ RTD
Maximum leadwire resistance: 200 Ω per wire (3 -wire)
Sensing current: ≤ 1.0 mA
If not specified, the input range is shown below.
R1: JPt 100 0 – 100°C
R3: Pt 100 0 – 100°C
R4: Pt 100 0 – 100°C
R5: Pt 50 Ω 0 – 200°C
R6: Ni 508.4 Ω 0 – 100°C
R7: Pt 1000 0 – 100°C
R8: Ni 100 0 – 100°C
R9: Cu 10 0 – 100°C
•Potentiometer: 100 Ω – 10 kΩ
Minimum span:
(Range) 0 – 100 Ω : 2.5 Ω
0 – 300 Ω : 3.0 Ω
0 – 1000 Ω : 10 Ω
0 – 10 kΩ : 10 Ω
Excitation: ≤ 0.5 V DC at 1000 Ω
If not specified, the input range is 0 – 1000 Ω.
OUTPUT SPECIFICATIONS
■ DC Current
Operational range: 0 – 24 mA DC
Output range: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 15 V max.
(e.g. 4 – 20 mA: 750 Ω [15 V ÷ 20 mA])
If not specified, the output range is 4 – 20 mA DC.
■ DC Voltage
Code V1 (narrow spans)
Operational range: -3 – +3 V DC
Output range: -2.5 – +2.5 V DC
Minimum span: 250 mV
Code V2 (wide spans)
Operational range: -11.5 – +11.5 V DC
Output range: -10 – +10 V DC
Minimum span: 1 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
(e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA])
If not specified, the output range is shown below.
V1: 0 – 1 V DC
V2: 1 – 5 V DC
INSTALLATION
Power Consumption
•AC: Approx. 6 VA
•DC: Approx. 3 W
Operating temperature: -30 to +60°C (-22 to +140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 120 g (0.26 lb)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com