Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2XU-Z10-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M2XU-Z10-R
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XU-Z10-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M2XU-Z10-R Datasheet HTML 1Page - M-System Co.,Ltd. M2XU-Z10-R Datasheet HTML 2Page - M-System Co.,Ltd. M2XU-Z10-R Datasheet HTML 3Page - M-System Co.,Ltd. M2XU-Z10-R Datasheet HTML 4Page - M-System Co.,Ltd. M2XU-Z10-R Datasheet HTML 5Page - M-System Co.,Ltd. M2XU-Z10-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: M2XU
M2XU SPECIFICATIONS
ES-5008 Rev.18 Page 4/6
http://www.m-system.co.jp/
PERFORMANCE
Accuracy: Input accuracy + output accuracy
Input accuracy (% of input range)
Inversely proportional to span.
(DC) -1 – +1 V : ±0.02
-10 – +10 V : ±0.02
0 – 50 mA : ±0.02
Except the input resistor error.
(T/C) (PR) : ±0.08
K (CA) : ±0.02
E (CRC) : ±0.02
J (IC) : ±0.04
T (CC) : ±0.06
B (RH) : ±0.12
R : ±0.08
S : ±0.08
C (WRe 5 - 26) : ±0.04
N : ±0.04
U : ±0.04
L : ±0.04
P (Platinel II) : ±0.04
(RTD) JPt 100 (JIS ’89) : ±0.04
Pt 100 (JIS ’89) : ±0.03
Pt 100 (JIS ’97, IEC) : ±0.03
Pt 50 Ω (JIS ’81) : ±0.04
Ni 508.4 Ω : ±0.05
Pt 1000 : ±0.08
Ni 100 : ±0.14
Cu 10 : ±0.6
(Pot.) 0 – 100 Ω : ±0.08
0 – 300 Ω : ±0.04
0 – 1000 Ω : ±0.04
0 – 10 kΩ : ±0.04
Output accuracy: ±0.02 % of output range
Inversely proportional to span.
Cold junction compensation error:
±0.4°C or ±0.7°F (at 20°C ±10°C or 68°F ±18°F)
Temp. coefficient
(at -5 to +55°C [23 to 131°F] of I/O range)
Input: ±0.016 %/°C (±0.009 %/°F) with current
±0.004 %/°C (±0.002 %/°F) with voltage
±0.004 %/°C (±0.002 %/°F) with T/C
±0.004 %/°C (±0.002 %/°F) with RTD
±0.004 %/°C (±0.002 %/°F) with Pot.
Output: ±0.013 %/°C (±0.007 %/°F)
Response time:
≤ 0.5 sec.(0 – 90 %) with current
≤ 0.5 sec.(0 – 90 %) with voltage
≤ 1.5 sec.(0 – 90 %) with T/C
≤ 0.9 sec.(0 – 90 %) with RTD
≤ 0.9 sec. (0 – 90 %) with Pot.
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Input Type -10 – +10 V, Input Range 1 – 5 V,
Output Type 0 – 20 mA, Output Range 0 – 10 mA
Max. Input Range (20 V) ÷ Span (4 V) × 0.02 % = 0.1 %
Max. Output Range (20 mA) ÷ Span (10 mA) × 0.02 % =
0.04 %
Overall accuracy = 0.1 + 0.04 = ±0.14 %
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com