Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3040 Datasheet(PDF) 1 Page - Schneider Electric

Part # HT3040
Description  3P 600V 40A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HT3040 Datasheet(HTML) 1 Page - Schneider Electric

  HT3040 Datasheet HTML 1Page - Schneider Electric HT3040 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
HT3040
3P 600V 40A H-FRAME MOULDED CASE
CIRCUIT BREAKER TRIP UNIT
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 844.50 USD
Main
Product name
PowerPact
Product or component type
Trip unit
Trip unit rating
40 A
Trip unit technology
Thermal-magnetic
Circuit breaker type
H-frame
Complementary
Number of poles
3
[Ue] rated operational voltage
600 V AC
[Ics] rated service short-circuit
breaking capacity
80 %
Tightening torque
7.97…9.74 lbf.in (0.9…1.1 N.m)
43.37…46.91 lbf.in (4.9…5.3 N.m)
Environment
Product certifications
UL
CSA
Ordering and shipping details
Category
01103 - H,J,COMPACT NS UL/IEC CIRCUIT BREAKER ACCESSORIES
Discount Schedule
DE2
GTIN
00785901598183
Nbr. of units in pkg.
1
Package weight(Lbs)
1 lb(US) (0.45 kg)
Returnability
Yes
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Apr 19, 2021
1


Similar Part No. - HT3040

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT304/GT25H-2024S HIROSE-HT304/GT25H-2024S Datasheet
246Kb / 5P
Metal holddowns to solder by reflow are used instead of screws for PCB mounting.
More results

Similar Description - HT3040

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HT3020 SCHNEIDER-HT3020 Datasheet
112Kb / 2P
3P 600V 20A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
Apr 19, 2021
HT3025 SCHNEIDER-HT3025 Datasheet
61Kb / 2P
3P 600V 25A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
Apr 19, 2021
HT3030 SCHNEIDER-HT3030 Datasheet
124Kb / 2P
3P 600V 30A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
Apr 19, 2021
HT3060 SCHNEIDER-HT3060 Datasheet
115Kb / 2P
3P 600V 60A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
Apr 19, 2021
HT3080 SCHNEIDER-HT3080 Datasheet
114Kb / 2P
3P 600V 80A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
Apr 19, 2021
HT3090 SCHNEIDER-HT3090 Datasheet
112Kb / 2P
3P 600V 90A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
Apr 19, 2021
HT3100 SCHNEIDER-HT3100 Datasheet
116Kb / 2P
3P 600V 100A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
Apr 19, 2021
HT3125 SCHNEIDER-HT3125 Datasheet
110Kb / 2P
3P 600V 125A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
Apr 19, 2021
HT3150 SCHNEIDER-HT3150 Datasheet
114Kb / 2P
3P 600V 150A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
Apr 19, 2021
S29433 SCHNEIDER-S29433 Datasheet
161Kb / 2P
H-FRAME 120VAC MOULDED CASE CIRCUIT BREAKER MOTOR OPERATOR
Apr 19, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com