Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2XPA3-B2V1-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # M2XPA3-B2V1-R
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XPA3-B2V1-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  M2XPA3-B2V1-R Datasheet HTML 1Page - M-System Co.,Ltd. M2XPA3-B2V1-R Datasheet HTML 2Page - M-System Co.,Ltd. M2XPA3-B2V1-R Datasheet HTML 3Page - M-System Co.,Ltd. M2XPA3-B2V1-R Datasheet HTML 4Page - M-System Co.,Ltd. M2XPA3-B2V1-R Datasheet HTML 5Page - M-System Co.,Ltd. M2XPA3-B2V1-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: M2XPA3
M2XPA3 SPECIFICATIONS
ES-5104 Rev.14 Page 6/6
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
5
4
+
+
–
–
Vsns
PWR
1
5
4
+
5kΩ
+
–
–
Vsns
PWR
Vsns
100Ω
Vsns
+
–
Isolation
Base Socket
Output
Driver
OUTPUT
8
9
12
Digital
Computation
1
5
4
Excitation
Supply
STATUS
MON.
ZERO/SPAN
SELECTOR
INPUT TYPE
SELECTOR
UP/DOWN
SWITCHES
CONFIGURATOR
JACK
U(+)
V(–)
POWER
13
14
Waveform
Shaper
INPUT *
1
*1. Input Connection Examples
1
5
4
8
■ RS-422 Line Driver Pulse
+
–
INPUT
+
–
PWR
■ Open Collector
or Mechanical Contact
■ 2-Wire Current Pulse
• Built-in Excitation
4
8
5
+
–
Vsns
2-WIRE
PICK-UP
• External DC Supply
4
8
5
–
2-WIRE
PICK-UP
+
+
DC SUPPLY
–
■ Voltage Pulse
100Ω
EXPLANATIONS OF TERMS
Low-end cutout:
The function where the output signal is forced to 0% below the setpoint input. Hysteresis is fixed at 1%.
[Example] Input zero frequency 0 Hz
Input span frequency 1 kHz
Low-end cutout 10 %
INPUT
OUTPUT
0%
10%
100%
0 Hz 100 Hz
11%
110 Hz
1 kHz
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com