Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2XUM-R1Z1-P Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M2XUM-R1Z1-P
Description  Super-mini Signal Conditioners Mini-M Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XUM-R1Z1-P Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M2XUM-R1Z1-P Datasheet HTML 1Page - M-System Co.,Ltd. M2XUM-R1Z1-P Datasheet HTML 2Page - M-System Co.,Ltd. M2XUM-R1Z1-P Datasheet HTML 3Page - M-System Co.,Ltd. M2XUM-R1Z1-P Datasheet HTML 4Page - M-System Co.,Ltd. M2XUM-R1Z1-P Datasheet HTML 5Page - M-System Co.,Ltd. M2XUM-R1Z1-P Datasheet HTML 6Page - M-System Co.,Ltd. M2XUM-R1Z1-P Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: M2XUM
M2XUM SPECIFICATIONS
ES-5009 Rev.19 Page 5/7
http://www.m-system.co.jp/
EXTERNAL VIEW
UP/DOWN Switches
Configurator Jack
■ FRONT VIEW (with cover open)
Status Indicator LED
Zero/Span Selector
Top: SPAN
Middle: OFF
Bottom: ZERO
Address Setting Rotary SW
Modbus Term. Resistor
: OFF
: ON
The front cover cannot be opened to 180 deg.
when flush with neighboring units.
■ RIGHT SIDE VIEW
Input Range Selector
Position H
Position L
: code S2, Z1
: other
Refer to the instruction manual for detailed procedures.
EXTERNAL DIMENSIONS unit: mm (inch)
4
8 7
10
11
5
6
1
2
3
9
21.5 (.85)
86.7 (3.41)
7.3 (.29)
22 (.87)
6 (.23)
DIN RAIL
35mm wide
[4 (.16)]
11–M3
SCREW
29.5 (1.16)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
116.7 (4.59)
• When mounting, no extra space is needed between units.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com