Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA14101MBN Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # MA14101MBN
Description  HIGH FREQUENCY CERAMIC CAPACITORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MA14101MBN Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  MA14101MBN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MA14101MBN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MA14101MBN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MA14101MBN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MA14101MBN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MA14101MBN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MB20 ~ 29 SERIES, P90 ± 30 – CASE SIZE 2
APPLICATION SPECIFIC CAPACITORS
MINIATURE MICROWAVE CERAMIC CAPACITORS
MB Case Size 2 Series
122
CG01-J
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
0R4
0.4
B,C
1000
0R5
0.5
B,C,D
1000
0R6
0.6
“
1000
0R7
0.7
“
1000
0R8
0.8
“
1000
0R9
0.9
“
1000
1R0
1.0
“
1000
1R1
1.1
“
1000
1R2
1.2
“
1000
1R3
1.3
“
1000
1R4
1.4
“
1000
1R5
1.5
“
1000
1R6
1.6
“
1000
1R7
1.7
“
1000
1R8
1.8
“
1000
1R9
1.9
“
1000
2R0
2.0
“
1000
2R1
2.1
“
1000
2R2
2.2
“
1000
2R4
2.4
“
1000
2R7
2.7
“
1000
3R0
3.0
“
1000
3R3
3.3
“
1000
3R6
3.6
“
1000
3R9
3.9
“
1000
*@ 125°C
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
470
47
F,G,J,K,M
300
510
51
“
300
560
56
“
300
620
62
“
300
680
68
“
100
750
75
“
100
820
82
“
100
910
91
“
100
101
100
“
100
*@ 125°C
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
4R3
4.3
B,C,D
1000
4R7
4.7
“
1000
5R1
5.1
“
1000
5R6
5.6
“
1000
6R2
6.2
“
1000
6R8
6.8
B,C,J,K,M
1000
7R5
7.5
“
1000
8R2
8.2
“
1000
9R1
9.1
“
1000
100
10
F,G,J,K,M
500
110
11
“
500
120
12
“
500
130
13
“
500
150
15
“
500
160
16
“
500
180
18
“
500
200
20
“
500
220
22
“
500
240
24
“
500
270
27
“
500
300
30
“
500
330
33
“
500
360
36
“
500
390
39
“
500
430
43
“
500
*@ 125°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com