Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K5000 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # K5000
Description  High voltage lamp ignitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

K5000 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  K5000 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd K5000 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd K5000 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd K5000 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd K5000 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd K5000 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrcal Characteristics (Tamb=25℃)
Part
Number
VBO
VDRM
IDRM
VTM
IT
IH
Breakover
Voltage(Instantaneous
clamping voltage)
Blocking
Voltage
Peak Off-state
Current at
VDRM
Peak On-state
Voltage IT=1A
Continuous
On-state DC or
RMS Current
Holding
Current
Min.(V)
MAX.(V)
MIN.(V)
MAX.(uA)
MAX.(V)
MAX.(A)
MAX.(mA)
K0900
80
100
65
10
1.5
1.0
100
K1050
95
115
75
10
1.5
1.0
100
K1100
105
120
85
10
1.5
1.0
100
K1200
110
125
90
10
1.5
1.0
100
K1300
120
140
95
10
1.5
1.0
100
K1400
130
145
105
10
1.5
1.0
100
K1500
140
170
115
10
1.5
1.0
100
K2000
190
215
150
10
1.5
1.0
100
K2200
205
230
165
10
1.5
1.0
100
K2400
220
250
175
10
1.5
1.0
100
K2500
240
280
190
10
1.5
1.0
100
K3000
270
330
215
10
1.5
1.0
100
K3500
320
390
260
10
1.5
1.0
100
K4000
375
460
310
10
1.5
1.0
100
K4500
440
530
360
10
1.5
1.0
100
K5000
505
600
420
10
1.5
1.0
100
Series
IPP
ITSM
Di/dt
Peak pulse current,TJ<150℃
Peak one
Cycle(sinusoidal)Surge Current
Critical Rate
of Rise of
On-state
Cruuent
10*160us
10*560us
10*1000us
Max(A)
Max(A)
Max(A)
60HZ(A)
50HZ(A)
Typical(A/us)
K
60
35
35
20
16.7
100
K Series
Rev :
www.leiditech.com
01.06.2018
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com