Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4953 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC4953
Description  Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4953 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC4953 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4953 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SC4953
IC —VCE
IC —VCE(sat)
hFE —IC
fT —IC
ton, tstg, tf — IC
Area of safe operation (ASO)
Area of safe operation, reverse bias ASO
012
10
8
26
4
0
5.0
4.0
3.0
2.0
1.0
4.5
3.5
2.5
1.5
0.5
T
C=25˚C
450mA
400mA
350mA
300mA
250mA
200mA
150mA
100mA
50mA
I
B=500mA
Collector to emitter voltage V
CE
(V)
0
2.5
2.0
0.5
1.5
1.0
0
8
6
2
5
7
4
1
3
T
C=–25˚C
25˚C
125˚C
I
C/IB=5
Collector to emitter saturation voltage V
CE(sat)
(V)
0.01
1
10
0.1
0.003
0.3
3
0.03
3
10
30
300
100
V
CE=5V
T
C=125˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.03
0.1
0.3
1
0.1
100
10
1
0.3
3
30
V
CE=10V
f=1MHz
T
C=25˚C
Collector current I
C
(A)
0
4.0
1.0
3.0
2.0
3.5
0.5
2.5
1.5
0.01
0.03
0.1
0.3
1
3
10
30
100
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=10(2IB1=–IB2)
V
CC=200V
T
C=25˚C
t
stg
t
f
t
on
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
t=1ms
1s
10ms
I
CP
I
C
Non repetitive pulse
Ta=25˚C
Ta=85˚C
Collector to emitter voltage V
CE
(V)
0
800
200
600
400
700
100
500
300
0
4.0
3.0
1.0
2.5
3.5
2.0
0.5
1.5
I
C/IB=5
L
coil=100µH
T
C=25˚C
Collector to emitter voltage V
CE
(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com