Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8569GEDS/RV Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8569GEDS/RV
Description  24-bit, 192kHz Stereo CODEC with Volume Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8569GEDS/RV Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8569GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8569GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8569GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8569GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8569GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8569GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8569GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8569GEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8569GEDS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
WM8569
Product Preview
w
PP Rev 1.1 December 2005
20
POWERDOWN MODES
The WM8569 has powerdown control bits allowing specific parts of the WM8569 to be powered off
when not being used. Control bit ADCPD powers off the ADC. The three stereo DACs each have a
separate powerdown control bit, DACPD[2:0] allowing individual stereo DACs to be powered off when
not in use. Setting ADCPD and DACPD[2:0] will powerdown everything except the references VMID
and REFADC. These may be powered down by setting PDWN. Setting PDWN will override all other
powerdown control bits. It is recommended that the ADC and DACs are powered down before setting
PDWN.
ZERO DETECT
The WM8569 has a zero detect circuit for each DAC channel that detects when 1024 consecutive
zero samples have been input. The MUTE pin output may be programmed to output the zero detect
signal which may then be used to control external muting circuits. A ‘1’ on MUTE indicates a zero
detect. The zero detect may also be used to automatically enable DAC mute by setting IZD.
SOFTWARE CONTROL INTERFACE OPERATION
The WM8569 is controlled using a 3-wire serial interface in software mode or pin
programmable in hardware mode.
The control mode is selected by the state of the MODE pin.
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
SDIN/DM is used for the program data, SCLK/IWL is used to clock in the program data and CSB/IDF
is used to latch the program data. SDIN/DM is sampled on the rising edge of SCLK/IWL. The 3-wire
interface protocol is shown in Figure 18.
Figure 18 3-Wire SPI Compatible Interface
Notes:
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
3.
CSB/IDF is edge sensitive – the data is latched on the rising edge of CSB/IDF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com