Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC508LP5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC508LP5
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC508LP5 Datasheet(HTML) 1 Page - Analog Devices

  HMC508LP5 Datasheet HTML 1Page - Analog Devices HMC508LP5 Datasheet HTML 2Page - Analog Devices HMC508LP5 Datasheet HTML 3Page - Analog Devices HMC508LP5 Datasheet HTML 4Page - Analog Devices HMC508LP5 Datasheet HTML 5Page - Analog Devices HMC508LP5 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
HMC508LP5 / 508LP5E
MMIC VCO w/ HALF FREQUENCY
OUTPUT 7.3 - 8.2 GHz
v04.0811
General Description
Features
Functional Diagram
The HMC508LP5 & HMC508LP5E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC
VCOs. The HMC508LP5 & HMC508LP5E integrate
resonators, negative resistance devices, varactor
diodes and feature a half frequency output. The VCO’s
phase noise performance is excellent over temper-
ature, shock, and process due to the oscillator’s
monolithic structure. Power output is +15 dBm typical
from a +5V supply. The voltage controlled oscillator
is packaged in a leadless QFN 5x5 mm surface
mount package, and requires no external matching
components.
Dual Output: Fo = 7.3 - 8.2 GHz
Fo/2 = 3.65 - 4.1 GHz
Pout: +15.0 dBm
Phase Noise: -116 dBc/Hz @100 kHz Typ.
No External Resonator Needed
32 Lead 5x5mm SMT Package: 25mm²
Typical Applications
Low noise MMIC VCO w/Half Frequency, for:
• VSAT Radio
• Point to Point/Multi-Point Radio
• Test Equipment & Industrial Controls
• Military End-Use
Electrical Specifications, T
A = +25° C, Vcc = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
Fo
Fo/2
7.3 - 8.2
3.65 - 4.1
GHz
GHz
Power Output
RFOUT
RFOUT/2
+12
+4
+17
+10
dBm
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RFOUT
-116
dBc/Hz
Tune Voltage
Vtune
2
13
V
Supply Current (Icc) (Vcc = +5.0V)
200
240
280
mA
Tune Port Leakage Current (Vtune= 13V)
10
µA
Output Return Loss
2
dB
Harmonics/Subharmonics
1/2
2nd
3rd
40
20
35
dBc
dBc
dBc
Pulling (into a 2.0:1 VSWR)
8
MHz pp
Pushing @ Vtune= 5V
10
MHz/V
Frequency Drift Rate
1.0
MHz/°C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC508LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC508LP5 HITTITE-HMC508LP5 Datasheet
355Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
HMC508LP5 HITTITE-HMC508LP5 Datasheet
435Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
HMC508LP5E HITTITE-HMC508LP5E Datasheet
355Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
HMC508LP5E HITTITE-HMC508LP5E Datasheet
435Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
HMC508LP5 HITTITE-HMC508LP5_11 Datasheet
435Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
More results

Similar Description - HMC508LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC507LP5 HITTITE-HMC507LP5 Datasheet
369Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC508LP5 HITTITE-HMC508LP5 Datasheet
355Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
HMC736LP4 HITTITE-HMC736LP4 Datasheet
221Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 14.5 - 15.0 GHz
HMC507LP5 HITTITE-HMC507LP5_11 Datasheet
454Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC508LP5 HITTITE-HMC508LP5_11 Datasheet
435Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
HMC736LP4 HITTITE-HMC736LP4_10 Datasheet
372Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC737LP4 HITTITE-HMC737LP4_10 Datasheet
374Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
logo
Analog Devices
HMC529LP5 AD-HMC529LP5 Datasheet
376Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC583LP5 AD-HMC583LP5 Datasheet
368Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC584LP5 AD-HMC584LP5 Datasheet
391Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com