Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC554ALC3B Datasheet(PDF) 2 Page - Analog Devices

Part # HMC554ALC3B
Description  10 GHz to 20 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC554ALC3B Datasheet(HTML) 2 Page - Analog Devices

  HMC554ALC3B Datasheet HTML 1Page - Analog Devices HMC554ALC3B Datasheet HTML 2Page - Analog Devices HMC554ALC3B Datasheet HTML 3Page - Analog Devices HMC554ALC3B Datasheet HTML 4Page - Analog Devices HMC554ALC3B Datasheet HTML 5Page - Analog Devices HMC554ALC3B Datasheet HTML 6Page - Analog Devices HMC554ALC3B Datasheet HTML 7Page - Analog Devices HMC554ALC3B Datasheet HTML 8Page - Analog Devices HMC554ALC3B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
HMC554ALC3B
Data Sheet
Rev. A | Page 2 of 26
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Interface Schematics..................................................................... 5
Typical Performance Characteristics ............................................. 6
Downconverter Performance, IF = 100 MHz........................... 6
Downconverter Performance, IF = 3000 MHz ...................... 10
Upconverter Performance, IFIN = 100 MHz ........................... 13
Upconverter Performance, IFIN = 3000 MHz ......................... 16
Isolation and Return Loss ......................................................... 19
IF Bandwidth—Downconverter............................................... 21
Spurious and Harmonics Performance ................................... 23
Theory of Operation ...................................................................... 24
Applications Information .............................................................. 25
Typical Application Circuit....................................................... 25
Evaluation PCB Information .................................................... 25
Outline Dimensions ....................................................................... 26
Ordering Guide .......................................................................... 26
REVISION HISTORY
10/2019—Rev. 0 to Rev. A
Changes to 10 GHz to 20 GHz Performance, Downconverter,
Input 1 dB Compression Point Parameter, Table 1 and 12 GHz to
16 GHz Performance, Downconverter, Input 1 dB Compression
Point Parameter, Table 1 .................................................................... 3
Changes to Figure 13 and Figure 15............................................... 7
Changes to Figure 27 and Figure 30............................................. 10
4/2018—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com